Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • M7R53FAJ-R

  • AI
    The **M7R53FAJ-R** is a specific technical part number typically associated with **LCD Display Modules** (specifically color TFT-LCDs) or custom industrial electronic components used in handheld devices and instrumentation. Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. General Specifications This part is generally categorized as an Optoelectronic component. It serves as the visual interface between a microprocessor and the user. | Feature | Description | | :--- | :--- | | **Component Type** | TFT-LCD Display Module | | **Display Mode** | Transmissive / Normal White | | **Interface Type** | Parallel (often 8-bit or 16-bit) or SPI | | **Backlight** | White LED (Light Emitting Diode) | | **Touch Panel** | Typically integrates a Resistive Touch Screen | ### 2. Key Electronic Components The internal architecture of the M7R53FAJ-R consists of several critical sub-systems: #### A. Driver IC The "brain" of the display. It translates data signals from the host (like an Arduino, STM32, or FPGA) into high-voltage signals that orient the liquid crystals. * **Voltage Logic ($V_{DD}$):** Usually operates between 2.8V and 3.3V. * **Source/Gate Drivers:** Integrated on the glass (COG - Chip on Glass). #### B. Backlight Circuit The backlight is the most power-consuming part of the electronic assembly. * **Configuration:** Usually 2 to 4 LEDs connected in series or parallel. * **Current ($I_f$):** Typically requires ~20mA per string. * **Control:** Often supports PWM (Pulse Width Modulation) for brightness adjustment. #### C. Flexible Printed Circuit (FPC) This is the orange/brown ribbon cable attached to the glass. * **Material:** Polyimide with copper traces. * **Connector:** Typically a 30-pin to 50-pin ZIF (Zero Insertion Force) connection. ### 3. Pinout and Connectivity (Typical) While exact pinouts can vary by revision, the electronic interface generally follows this structure: | Pin Category | Signal Name | Function | | :--- | :--- | :--- | | **Power** | VCC / GND | Logic Power Supply (3.3V) | | **Data Bus** | DB0 - DB15 | Bi-directional data lines for image data | | **Control** | CS, RS, WR, RD | Chip Select, Register Select, Write, Read | | **Reset** | RESET | Hardware reset pin | | **Backlight** | LEDA / LEDK | Anode and Cathode for the LED backlight | --- ### 4. Integration Considerations When designing a PCB for this part, engineers must consider: 1. **Level Shifting:** If using a 5V microcontroller, a level shifter is required to prevent damaging the 3.3V logic. 2. **Heat Dissipation:** Although small, constant backlight usage at maximum brightness can generate localized heat. 3. **ESD Protection:** The FPC is sensitive to Electrostatic Discharge; ESD protection diodes are recommended on data lines.
    ✨ Follow-up Questions
    • ⤷ What is the exact resolution and screen size for the M7R53FAJ-R?
    • ⤷ Which Driver IC (e.g.
    • ⤷ ILI9341 or ST7789) is compatible with this part number?
    • ⤷ What is the recommended operating voltage for the backlight LEDs?