Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • M7R53TDJ-R

  • AI
    ## Analysis of M7R53TDJ-R Electronic Component The **M7R53TDJ-R** is a specific part number typically associated with **Mellanox (now NVIDIA Networking)** high-speed networking modules, specifically within their **Transceiver** or **AOC (Active Optical Cable)** product lines. It is most commonly identified as a **40GbE QSFP+ SR4 Optical Transceiver**. --- ### 1. Technical Specifications This component is designed for short-range data transmission in high-performance computing (HPC) and data center environments. | Feature | Specification | | :--- | :--- | | **Form Factor** | QSFP+ (Quad Small Form-factor Pluggable) | | **Data Rate** | 40 Gbps (4 x 10.3125 Gbps channels) | | **Wavelength** | 850 nm | | **Cable Type** | Multi-mode Fiber (MMF) | | **Connector** | MPO/MTP-12 | | **Max Distance** | 100m (OM3) / 150m (OM4) | | **Power Consumption** | < 1.5W | | **Operating Temp** | 0°C to 70°C (Commercial Grade) | --- ### 2. Internal Electronic Architecture The "Electronic Parts" within this module consist of several critical sub-systems that handle signal integrity and conversion: #### A. The TOSA (Transmitting Optical Sub-Assembly) * **VCSEL Drivers:** These are the integrated circuits (ICs) that convert electrical input signals from the switch into current pulses. * **VCSEL Array:** Vertical-Cavity Surface-Emitting Lasers. The M7R53TDJ-R uses a 4-channel laser array emitting at 850nm. #### B. The ROSA (Receiving Optical Sub-Assembly) * **Photodiode Array:** Four PIN photodiodes that convert incoming light pulses back into electrical current. * **TIA (Transimpedance Amplifier):** A high-speed amplifier that converts the small current from the photodiodes into a usable voltage signal. #### C. Control Electronics * **EEPROM:** A memory chip that stores the vendor information, serial number, and part number (M7R53TDJ-R). This allows the switch/router to identify the module. * **Microcontroller/DDM:** Digital Diagnostic Monitoring. This circuitry monitors real-time parameters like temperature, voltage, and optical power. * **CDR (Clock and Data Recovery):** Used in some versions to clean up signal jitter for long traces on the PCB. --- ### 3. Pin Configuration (QSFP+) The module connects to the host board via a 38-pin connector. Key electronic interfaces include: 1. **High-Speed Data:** 4 differential pairs for TX (Transmit) and 4 differential pairs for RX (Receive). 2. **I2C Interface (SCL/SDA):** Used by the host system to read the EEPROM and DDM data. 3. **Low-Speed Control:** `ModSelL` (Module Select), `ResetL` (Hardware Reset), and `LPMode` (Low Power Mode). --- ### 4. Typical Applications * **Data Center Bridging:** Connecting top-of-rack (ToR) switches to aggregation layers. * **High-Speed Storage:** Used in InfiniBand or 40G Ethernet storage arrays. * **Enterprise Core:** High-bandwidth links between server clusters.
    ✨ Follow-up Questions
    • ⤷ What is the difference between SR4 and LR4 optical transceivers?
    • ⤷ Can the M7R53TDJ-R be used with a breakout cable to 4x10G?
    • ⤷ How do I access the DDM (Digital Diagnostic Monitoring) data from this module?