M7R54TAJ-R
AI

Based on the part number **M7R54TAJ-R**, this component is a specific type of **Power Inductor** (specifically a Metal Composite Inductor) manufactured by companies like **Samsung Electro-Mechanics**.
These parts are designed for high-efficiency power management in compact electronic devices.
---
## Technical Specifications Overview
Below is a breakdown of the typical characteristics for this series of surface-mount (SMD) power inductors:
| Feature | Specification Details |
| :--- | :--- |
| **Component Type** | Power Inductor (Metal Composite) |
| **Case Size** | 2016 (2.0mm x 1.6mm) |
| **Inductance** | Usually 0.47µH - 1.0µH (varies by sub-code) |
| **Tolerance** | ±20% |
| **Material** | Metal Powder Core (Low DCR, High Saturation) |
| **Shielding** | Magnetically Shielded |
| **Termination** | Sn (Tin) plating |
---
### Key Electronic Characteristics
1. **Metal Composite Construction**:
Unlike traditional ferrite inductors, these use a metallic powder core. This allows for a **soft saturation** characteristic, meaning the inductance doesn't drop abruptly when the current increases.
2. **Low DCR (DC Resistance)**:
The internal design minimizes energy loss as heat, which is critical for extending battery life in mobile devices.
3. **High Current Rating**:
Despite the small 2016 footprint, these inductors can handle relatively high saturation currents (Isat) and temperature rise currents (Irms) required for modern DC-DC converters.
4. **AEC-Q200 Compliance**:
The "TAJ" or suffix coding often indicates the series grade. Many components in this family are rated for industrial or automotive applications, though standard consumer versions also exist.
---
### Common Applications
* **Smartphones & Tablets**: Used in PMICs (Power Management Integrated Circuits) to regulate voltage for CPUs and GPUs.
* **DC-DC Converters**: Found in buck or boost converters where space is limited.
* **Wearable Tech**: Ideal for devices requiring ultra-low profile components with high efficiency.
---
### Code Breakdown Example
While exact manufacturer datasheets vary, the nomenclature typically follows this logic:
* **M7**: Product Series (Metal Inductor)
* **R54**: Inductance Value (e.g., 0.54 µH)
* **T**: Tolerance/Packaging style
* **AJ**: Dimensional or Material code
* **-R**: RoHS Compliant / Taping Reel
- ⤷What is the exact saturation current (Isat) for the M7R54TAJ-R?
- ⤷ Can this inductor be used in automotive engine control units?
- ⤷ What are the recommended soldering profile settings for this SMD part?