M7R72TAJ-R
AI

Based on the part number **M7R72TAJ-R**, this component is a high-performance **Magnetic Induction Coil / Power Inductor** typically manufactured by **ITG Electronics**.
These components are engineered for high-frequency power conversion and are commonly found in Voltage Regulator Modules (VRM) for servers and data centers.
---
### 1. Key Technical Specifications
The "M7R" series generally refers to molded power inductors with high saturation currents and low DCR (Direct Current Resistance).
| Feature | Specification Details |
| :--- | :--- |
| **Component Type** | Fixed Inductor (Power) |
| **Construction** | Metal Composite / Molded |
| **Inductance Range** | Typically low nH (nano-Henries) to low µH |
| **Tolerance** | Usually ±10% or ±20% |
| **Packaging** | Tape & Reel (indicated by the "-R") |
| **Operating Temp** | -40°C to +125°C (standard range) |
---
### 2. Physical & Material Characteristics
* **Molded Construction:** The part is made by pressing metal powder around a wire coil. This provides excellent magnetic shielding and reduces acoustic noise.
* **Terminations:** Usually features SMD (Surface Mount Device) pads for automated PCB assembly.
* **Saturation (Isat):** Designed to maintain inductance levels even under high peak currents, preventing the circuit from "clipping" or failing under load.
---
### 3. Common Applications
Due to its robust thermal and electrical properties, the M7R72TAJ-R is used in:
1. **Server Motherboards:** High-current power phases for CPUs and GPUs.
2. **DC-DC Converters:** Point-of-Load (PoL) power supplies.
3. **Telecom Equipment:** Distributed power architectures.
4. **Industrial PCs:** Applications requiring high reliability in compact spaces.
---
### 4. Part Number Breakdown (Generic)
| Prefix | Series Code | Size/Dimensions | Material/Revision | Packaging |
| :--- | :--- | :--- | :--- | :--- |
| **M** | Molded | **7R72** (Size Code) | **TAJ** (Internal Spec) | **-R** (Reel) |
---
- ⤷
What is the specific inductance value (nH) for the M7R72TAJ-R?
- ⤷ Can you provide the maximum Saturation Current (Isat) for this part?
- ⤷ What are the physical dimensions (LxWxH) of the 7R72 footprint?