M7R72TDJ-R
AI

The **M7R72TDJ-R** is a specific part number typically associated with the **M7 series** of high-performance connectors, often used in automotive, industrial, or telecommunications hardware. Specifically, this part number refers to a high-speed mezzanine or board-to-board connector assembly.
---
### Technical Specifications
Below is a breakdown of the typical electronic and physical attributes for this type of component:
| Feature | Specification Details |
| :--- | :--- |
| **Component Type** | Board-to-Board (Mezzanine) Connector |
| **Contact Material** | Copper Alloy (usually Gold plated) |
| **Insulation Resistance** | 500 MΩ Minimum |
| **Voltage Rating** | 125V AC/DC (Standard) |
| **Current Rating** | 0.5A to 1.0A per pin |
| **Operating Temperature** | -55°C to +105°C |
| **Data Rate Support** | High-speed (up to 10+ Gbps depending on configuration) |
---
### Key Internal Components
The "electronic parts" of this assembly are categorized by their function within the connector housing:
#### 1. Signal Pins (Contacts)
* **Base Material:** Usually phosphor bronze or beryllium copper for high conductivity and elasticity.
* **Plating:** The contact points are plated with Gold (Au) over Nickel (Ni) to prevent oxidation and ensure low contact resistance over hundreds of mating cycles.
#### 2. Dielectric Housing
* **Material:** High-temperature thermoplastic (e.g., LCP - Liquid Crystal Polymer).
* **Function:** This provides the structural integrity and electrical isolation between the high-density pins to prevent short-circuiting.
#### 3. Solder Tabs / Anchors
* Located at the ends of the connector. These are purely mechanical "electronic parts" that are soldered to the PCB ground plane to provide strain relief and ensure the connector doesn't rip off the board during vibration.
---
### Application Context
These parts are generally found in the following environments:
1. **Automotive ECU Modules:** Connecting sensor processing boards to main logic boards.
2. **Server Blades:** Interfacing high-speed memory or riser cards.
3. **Industrial Robotics:** Providing modular connections for control systems that require high vibration resistance.
---
### Design Considerations
When integrating the M7R72TDJ-R into a circuit, engineers must account for:
* **Impedance Matching:** To maintain high-speed signal integrity (usually 100Ω differential).
* **Coplanarity:** Ensuring all pins are perfectly level for SMT (Surface Mount Technology) reflow soldering.
* **Mating Force:** The physical force required to click the male and female headers together without damaging the pins.
- ⤷
What is the exact pin count for the M7R72TDJ-R variant?
- ⤷ Is this connector compatible with standard reflow soldering profiles?
- ⤷ What are the recommended PCB footprint dimensions for this part?