M7S15FBJ-R
AI

## M7S15FBJ-R Electronic Component Overview
The **M7S15FBJ-R** is a high-precision, surface-mount Crystal Oscillator manufactured by **MtronPTI**. It belongs to the M7S series, which is known for providing reliable clock signals in a compact 5x7mm package.
---
### 1. Key Technical Specifications
| Parameter | Value |
| :--- | :--- |
| **Component Type** | XO (Standard Crystal Oscillator) |
| **Frequency Range** | Usually fixed (e.g., 1.0 MHz to 125 MHz, check specific variant) |
| **Output Type** | HCMOS / TTL Compatible |
| **Operating Voltage** | 5.0V (Standard for the M7S series) |
| **Package Size** | 5.0 x 7.0 mm (4-Pad SMD) |
| **Frequency Stability** | ±100 ppm (Standard), options for ±25 or ±50 ppm |
| **Operating Temperature** | -40°C to +85°C (Industrial Grade) |
| **RoHS Status** | Compliant (R-suffix indicates RoHS) |
---
### 2. Functional Description
The M7S15FBJ-R acts as the "heartbeat" of an electronic circuit. It combines a quartz crystal blank with an oscillation circuit and an output buffer into a single hermetically sealed package.
* **HCMOS/TTL Output:** It provides a square wave signal capable of driving high-speed CMOS or older TTL logic gates.
* **Tri-state Function (J-Type):** The "J" in the part number often indicates a **Tri-state (Output Enable)** function on Pin 1. This allows the oscillator to remain powered while the output is electronically disconnected, reducing EMI and power consumption when the clock is not needed.
* **High Reliability:** Designed for harsh environments, making it suitable for industrial automation and communications.
---
### 3. Pin Configuration (Typical 4-Pad)
| Pin # | Function | Description |
| :--- | :--- | :--- |
| **1** | E/D or NC | Output Enable/Disable (Tri-state) |
| **2** | GND | Circuit Ground |
| **3** | Output | Frequency Signal Output |
| **4** | Vdd | Supply Voltage (+5.0V) |
---
### 4. Common Applications
* **Networking:** Routers, switches, and modems.
* **Industrial:** Programmable Logic Controllers (PLCs) and embedded systems.
* **Computing:** Clock generators for microprocessors and peripherals.
* **Storage:** Fiber channel and disk drive controllers.
---
- ⤷
What are the exact frequency variations available for the M7S series?
- ⤷ How does the Tri-state function affect power consumption in this specific model?
- ⤷ Are there 3.3V versions of this oscillator available?