M7S15TDJ-R
AI

The **M7S15TDJ-R** is a high-performance, programmable crystal oscillator module manufactured by **Mercury Electronic**. It belongs to the M7S series, which is known for its versatility in frequency generation and its small surface-mount device (SMD) footprint.
### 1. General Specifications
Below are the primary technical characteristics of the M7S15TDJ-R:
| Parameter | Specification |
| :--- | :--- |
| **Component Type** | CMOS Output Programmable Crystal Oscillator |
| **Package Type** | 7.0 x 5.0 mm (6 pads) |
| **Frequency Range** | 1.0 MHz to 200.0 MHz |
| **Supply Voltage ($V_{DD}$)** | +1.8V, +2.5V, or +3.3V (Universal) |
| **Operating Temperature** | -40°C to +85°C (Industrial Grade) |
| **Frequency Stability** | ±25 ppm to ±100 ppm (Depending on variant) |
| **Output Load** | 15 pF |
---
### 2. Key Internal Components and Design
The module is more than just a crystal; it is an integrated circuit (IC) solution that combines several electronic stages:
1. **AT-Cut Quartz Crystal:** Acts as the high-precision reference resonator inside the hermetically sealed ceramic package.
2. **Phase-Locked Loop (PLL) IC:** This internal chip multiplies or divides the base crystal frequency to reach the specific target frequency programmed into the device.
3. **CMOS Output Buffer:** Ensures the signal has clean "High" and "Low" states compatible with standard digital logic circuits (FPGA, MCU, DSP).
4. **Tri-State Function:** The "TDJ" designation often implies a specific pin configuration that includes an Enable/Disable (OE) function. When disabled, the output goes into a high-impedance state to save power.
---
### 3. Part Number Breakdown
Understanding the suffix helps identify specific electronic behaviors:
* **M7S:** Series identifier (7.0 x 5.0 mm package size).
* **15:** Represents the load capacitance (15 pF).
* **TDJ:** Coding for the specific frequency stability, operating voltage range, and functional pinout (Tri-state).
* **-R:** Indicates compliance with **RoHS** (Restriction of Hazardous Substances) standards (Lead-free).
---
### 4. Application Use Cases
Because of its programmable nature and wide frequency range, it is commonly used in:
* **Telecommunications:** Base stations and routers.
* **Embedded Systems:** Providing clock signals for high-speed microcontrollers.
* **Industrial Automation:** Timing for PLC (Programmable Logic Controllers).
* **Data Storage:** Fibre Channel and Ethernet timing.
---
- ⤷
What are the pinout assignments for the 6-pad M7S package?
- ⤷ How does the 'Tri-state' function affect power consumption in this module?
- ⤷ Can this oscillator be used in automotive applications requiring AEC-Q200 certification?