M7S18TDJ-R
AI

The **M7S18TDJ-R** belongs to a specific category of high-performance components, typically identified as a **Crystal Oscillator** or a **Voltage-Controlled Crystal Oscillator (VCXO)**, often manufactured by companies like Mercury Electronic. These components are critical for frequency control and timing in telecommunications and data processing hardware.
---
### 1. Component Specifications
The technical breakdown of the part number (based on standard naming conventions for the M7S series) provides insight into its functionality:
| Parameter | Specification | Description |
| :--- | :--- | :--- |
| **Component Type** | SMD Crystal Oscillator | Surface-mount device for timing. |
| **Output Type** | HCMOS / TTL | High-speed CMOS compatible logic. |
| **Voltage Supply** | 1.8V / 2.5V / 3.3V | Varies by specific suffix (often 3.3V). |
| **Package Size** | 7.0 x 5.0 mm | Standard large-form factor SMD package. |
| **Frequency Stability** | ±25ppm to ±50ppm | Precision over temperature ranges. |
| **Operating Temp** | -40°C to +85°C | Industrial grade temperature rating. |
---
### 2. Key Electronic Features
The M7S18TDJ-R is engineered for reliability in high-speed digital circuits. Its primary electronic characteristics include:
* **Low Phase Jitter:** Essential for high-speed data transmission to prevent bit errors.
* **Tri-State Functionality:** Pin 1 typically supports an "Output Enable/Disable" function, allowing the oscillator to be disconnected from the bus for testing or power saving.
* **Fundamental Mode:** Uses a high-quality quartz crystal blank to generate a stable reference frequency.
* **RoHS Compliant:** The "R" suffix usually denotes compliance with lead-free environmental standards.
---
### 3. Pin Configuration (Typical)
Most oscillators in the 7x5mm package follow a standard 4-pin or 6-pin layout:
| Pin Number | Function | Description |
| :--- | :--- | :--- |
| **1** | E/D or NC | Enable/Disable control or No Connection. |
| **2** | GND | Ground connection. |
| **3** | Output | The generated clock signal. |
| **4** | Vdd | Positive power supply voltage. |
---
### 4. Application Use Cases
This component is commonly found in the following electronic systems:
1. **Network Switches/Routers:** Providing the master clock for Ethernet PHYs.
2. **Embedded Systems:** Acting as the heartbeat for Microcontrollers (MCUs) or FPGAs.
3. **Fiber Optic Modules:** Timing for high-bandwidth optical transceivers.
4. **Industrial Automation:** Reliable clocking in harsh electrical environments.
- ⤷
What is the specific output frequency of your M7S18TDJ-R unit?
- ⤷ How does 'Phase Jitter' impact the performance of this oscillator?
- ⤷ What are the soldering precautions for the 7.0x5.0mm SMD package?