Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • M7S22TDJ-R

  • AI
    The **M7S22TDJ-R** is a specific part number typically associated with **TDK-Lambda** power modules, specifically within the **T-Series** or custom DC-DC converter lineups. These components are high-density, high-efficiency power modules designed for industrial and telecommunications applications. --- ### 1. Component Overview The M7S series represents a class of non-isolated or isolated DC-DC converters (depending on the specific sub-series) designed for point-of-load (POL) regulation. | Feature | Description | | :--- | :--- | | **Manufacturer** | TDK-Lambda / TDK | | **Category** | Power Supply - Board Mount | | **Type** | DC-DC Converter / Step-down (Buck) | | **Mounting Type** | Surface Mount (SMD) / Reflow solderable | | **Standard Output** | Typically 0.7V to 5.0V (Adjustable) | --- ### 2. Key Electronic Specifications While exact specifications can vary based on the specific datasheet revision, the "22" in the part number often indicates the current rating or a specific voltage derivative. * **Input Voltage Range:** Usually handles a wide input range (e.g., 4.5V to 14V). * **Current Capacity:** Designed to provide high current (likely 22A based on the part string) in a very small footprint. * **Efficiency:** High conversion efficiency, often exceeding 90%, which reduces the need for heavy heat sinking. * **Control Interface:** Often includes pins for: * **Remote On/Off:** To sequence power rails. * **Trim:** To adjust the output voltage via an external resistor. * **Sense:** To compensate for voltage drops across PCB traces. --- ### 3. Pinout and Physical Characteristics The "R" suffix usually denotes **RoHS Compliance** or **Reel Packaging** for automated assembly. * **Form Factor:** Compact, low-profile design to allow for airflow in dense server racks. * **Thermal Management:** The bottom of the part usually acts as a thermal pad to dissipate heat directly into the PCB ground planes. --- ### 4. Common Applications * **FPGA/ASIC Power:** Providing the high-current, low-voltage core power required by modern processors. * **Telecommunications:** Base stations and networking switches. * **Industrial Automation:** High-reliability power distribution on control boards.
    ✨ Follow-up Questions
    • ⤷ What is the exact input voltage range for the M7S22TDJ-R?
    • ⤷ Can you provide a wiring diagram for the Trim function?
    • ⤷ What are the thermal derating curves for this specific module?