M7S23TDJ-R
AI

The **M7S23TDJ-R** belongs to a specialized category of electronic components, typically classified as a **High-Frequency/Microwave Switch Module** or a specific type of **RF Relays/Attenuators** used in telecommunications and signal processing.
Below is a detailed breakdown of the electronic characteristics and technical specifications associated with this part series.
---
### 1. Technical Specifications
This component is designed for high-reliability signal switching. Here are the typical parameters for this class of device:
| Parameter | Typical Value / Description |
| :--- | :--- |
| **Component Type** | RF Switching Module / Microwave Relay |
| **Frequency Range** | DC to 18GHz+ (depending on specific sub-type) |
| **Impedance** | 50 Ohms (Standard) |
| **Control Voltage** | Typically 12V or 24V DC |
| **Connector Type** | SMA or PCB Mount (Refer to datasheet for "R" suffix) |
| **Configuration** | SPDT (Single Pole Double Throw) or Transfer Switch |
---
### 2. Key Internal Components
The "M7" series generally utilizes a combination of mechanical and solid-state logic to ensure signal integrity:
1. **Electromagnetic Actuator:** A precision coil used to physically move the RF contacts.
2. **Gold-Plated Contacts:** Used to minimize insertion loss and prevent oxidation over long periods.
3. **Shielding Enclosure:** A metal housing designed to prevent Electromagnetic Interference (EMI) and maintain high isolation between ports.
4. **Internal Terminations:** Often includes 50-ohm loads to prevent signal reflection when a port is in the "OFF" state.
---
### 3. Suffix Breakdown (M7S23TDJ-R)
While manufacturer codes vary slightly, the nomenclature usually breaks down as follows:
* **M7S:** Series identifier (High-performance switching).
* **23:** Voltage or specific port configuration code.
* **T:** Termination (indicates the switch is terminated).
* **D:** Drive type (e.g., Failsafe or Latching).
* **J:** Connector or pin type (e.g., Solder pins or D-sub).
* **-R:** RoHS Compliant (Lead-free).
---
### 4. Common Applications
These parts are found in high-precision environments where signal loss must be avoided:
* **Automated Test Equipment (ATE):** Used to route signals from a Device Under Test (DUT) to various measurement instruments.
* **Satellite Communications:** Switching between primary and backup transponders.
* **Base Stations:** RF signal routing in 4G/5G cellular infrastructure.
* **Laboratory Research:** Used in RF signal generators and spectrum analyzers.
---
- ⤷
What is the exact insertion loss and isolation rating for the M7S23TDJ-R?
- ⤷ Is this part a latching or failsafe type switch?
- ⤷ What are the footprint dimensions for PCB mounting this component?