M7S24TDJ-R
AI

The **M7S24TDJ-R** is a high-performance, industrial-grade oscillator module, typically falling under the category of **TCXO (Temperature Compensated Crystal Oscillator)** or highly stable clock sources manufactured by specialized timing component companies (such as MtronPTI).
Below is a detailed breakdown of the electronic specifications and characteristics associated with this part series.
---
### 1. Key Technical Specifications
Based on the standard nomenclature for the M7S series, here are the typical electrical parameters:
| Parameter | Specification (Typical) |
| :--- | :--- |
| **Component Type** | TCXO / High Stability Oscillator |
| **Supply Voltage (Vcc)** | 3.3V or 5.0V (Standard Industrial) |
| **Output Type** | CMOS / TTL Compatible |
| **Frequency Range** | Typically 1 MHz to 125 MHz (Specific to exact sub-model) |
| **Operating Temperature** | -40°C to +85°C (Industrial Grade) |
| **Package Style** | Surface Mount Device (SMD) |
| **Stability** | ±2.5ppm to ±50ppm (Depending on configuration) |
---
### 2. Part Number Breakdown (Nomenclature)
The alphanumeric code identifies specific physical and electrical traits:
* **M7S**: Indicates the product series (usually 5x7mm miniature SMD package).
* **24**: Often refers to the supply voltage (e.g., 2.4V or a specific voltage variant).
* **T**: Denotes the Temperature range (Extended Industrial).
* **D**: Refers to the Duty Cycle requirements (usually 45/55%).
* **J**: Accuracy or Stability marking.
* **R**: RoHS Compliant (Lead-free).
---
### 3. Functional Internal Components
The "Electronic Parts" inside this module consist of a sophisticated timing circuit rather than just a simple crystal:
1. **Quartz Crystal Resonator:** The heart of the unit, providing the base mechanical vibration.
2. **Compensation Network:** A thermistor-based network that adjusts the capacitance to counteract frequency drift caused by temperature changes.
3. **Output Buffer IC:** An integrated circuit that shapes the sine wave from the crystal into a clean square wave (CMOS/TTL) for digital circuits.
4. **Bypass Capacitors:** Internal surface-mount capacitors used to filter noise from the power supply.
---
### 4. Common Applications
This part is designed for applications where timing precision is critical and cannot be met by standard oscillators:
* **Networking:** Base stations, routers, and high-speed Ethernet switches.
* **Telecommunications:** SONET/SDH clocks and wireless communication links.
* **Embedded Systems:** Industrial controllers requiring stable clocking in fluctuating temperatures.
* **GPS/GNSS:** Reference clocks for positioning hardware.
---
### 5. Implementation Example (Schematic Logic)
When integrating this part into a PCB design, the pinout typically follows this standard logic:
```markdown
Pin 1: Tri-state (Enable/Disable) or No Connect
Pin 2: Ground (GND)
Pin 3: Output (Clock Signal)
Pin 4: Supply Voltage (Vcc)
```
- ⤷
What is the exact frequency of the M7S24TDJ-R variant you are looking for?
- ⤷ How does a TCXO differ from a standard XO in terms of circuit design?
- ⤷ Are you looking for equivalent cross-reference parts from other manufacturers?