AI

Based on the part number **M7S33TDJ-R**, this component is a high-performance **Synchronous DRAM (SDRAM)** chip, typically manufactured by **Nanya Technology**. It belongs to the DDR3/DDR3L memory family.
Below is a detailed breakdown of its electronic characteristics and specifications.
---
### ## 1. Technical Specifications
The following table outlines the core parameters of the M7S33TDJ-R:
| Parameter | Specification |
| :--- | :--- |
| **Memory Type** | DDR3L (Low Voltage SDRAM) |
| **Density** | 2 Gigabits (2Gb) |
| **Organization** | 128M x 16-bit |
| **Speed/Frequency** | 1600 Mbps (DDR3-1600 / PC3-12800) |
| **Voltage (VDD/VDDQ)** | 1.35V (Backward compatible with 1.5V) |
| **Package Type** | 96-ball FBGA (Fine-pitch Ball Grid Array) |
| **Temperature Range** | Commercial (0°C to 95°C) |
---
### ## 2. Core Functional Features
* **Synchronous Interface:** All signals are registered at the positive edge of the differential clock (CK/CK#).
* **8-Bank Architecture:** Internal banks allow for interleaved memory access, reducing latency.
* **CAS Latency (CL):** Typically supports CL=11 for 1600MHz operation.
* **On-Die Termination (ODT):** Integrated resistors to improve signal integrity by reducing reflections on the data bus.
* **Self-Refresh:** Includes Auto-Refresh and Self-Refresh modes for power management.
* **Programmable Burst Length:** Supports BL8 (Burst Length 8) or BC4 (Burst Chop 4).
---
### ## 3. Pinout and Connectivity
The **96-ball FBGA** layout is standard for x16 DDR3 chips. Key pin groups include:
1. **Address/Command:** A0–A13, BA0–BA2 (Bank Addresses), RAS#, CAS#, WE#.
2. **Data Bus:** DQ0–DQ15 (16-bit wide data path).
3. **Data Strobes:** DQS, DQS# (Differential strobes to capture data).
4. **Clocking:** CK, CK# (Differential clock inputs).
5. **Power:** VDD, VSS (Core), VDDQ, VSSQ (I/O Power).
---
### ## 4. Common Applications
This specific chip is commonly found in:
* **Networking Equipment:** Routers, switches, and firewalls.
* **Embedded Systems:** Industrial PCs, IoT gateways, and smart displays.
* **Consumer Electronics:** Smart TVs, set-top boxes, and automotive infotainment systems.
---
- ⤷
What is the difference between DDR3 and DDR3L in the context of this chip?
- ⤷ Can this memory chip be used in automotive-grade environments?
- ⤷ What are the specific timing parameters (CAS latency) for this part number?