M7S34FBJ-R
AI

The **M7S34FBJ-R** is a high-performance **Crystal Oscillator** (specifically a Surface Mount Device or SMD type). It is engineered for precision timing in electronic circuits, typically utilized in telecommunications, networking, and high-speed data transfer applications.
---
### 1. Key Technical Specifications
Based on the standard nomenclature for this series, here are the primary electrical and physical characteristics:
| Feature | Specification |
| :--- | :--- |
| **Component Type** | Crystal Oscillator (XO) |
| **Package Size** | 7.0mm x 5.0mm (Standard SMD) |
| **Output Type** | CMOS / HCMOS |
| **Voltage Supply** | Usually 3.3V (Standard for M7S series) |
| **Frequency Stability** | Typically ±25ppm to ±100ppm |
| **Operating Temperature** | -40°C to +85°C (Industrial Grade) |
| **Mounting Type** | Surface Mount (SMT) |
---
### 2. Breakdown of the Part Number
Manufacturers often use a coded system to define the part's capabilities. For the M7S series:
* **M7S**: Refers to the series (7.0 x 5.0mm package size).
* **34**: Often denotes the specific voltage or stability configuration (e.g., 3.3V).
* **FBJ**: Represents the frequency stability and operating temperature range.
* **R**: Indicates "Tape & Reel" packaging for automated assembly.
---
### 3. Electronic Functionality
The M7S34FBJ-R functions as a "clock" for integrated circuits (ICs). Its internal components include:
1. **Quartz Crystal Resonator:** The heart of the component that vibrates at a specific frequency.
2. **Oscillator IC:** Provides the necessary feedback loop to sustain oscillation and shapes the output into a clean square wave (CMOS).
3. **Tri-State Function:** Often includes an "Enable/Disable" pin (Pin 1), allowing the clock output to be turned off to save power without powering down the entire system.
### 4. Typical Applications
* **Ethernet Switches:** Providing the reference clock for data packet processing.
* **Microcontrollers:** Serving as the external clock source for high-speed processing.
* **Fiber Optic Modules:** Timing for high-speed optical transceivers.
---
### 5. Pin Configuration (Typical 4-Pin SMD)
```text
Pin 1: Tri-state (Enable/Disable)
Pin 2: Ground (GND)
Pin 3: Output (Clock Signal)
Pin 4: Supply Voltage (Vdd)
```
- ⤷
What is the exact output frequency for this specific part number?
- ⤷ Can this oscillator be used in automotive applications?
- ⤷ What are the soldering profile recommendations for this 7.0x5.0mm package?