M7S38FBJ-R
AI

The **M7S38FBJ-R** is a specific part number typically associated with **TDK-Lambda** or similar high-reliability power module components, often found in industrial or telecommunications power supplies. Specifically, it belongs to the series of AC-DC or DC-DC power converters or filter modules.
---
### 1. Key Technical Specifications
Based on the standard naming conventions for this component class, the primary characteristics are:
| Feature | Specification |
| :--- | :--- |
| **Component Type** | AC-DC Front-End / Rectifier Module |
| **Input Voltage Range** | 85V AC to 265V AC (Universal) |
| **Output Type** | Regulated or Bus Voltage (typically 360-400V DC) |
| **Form Factor** | Full-Brick or Half-Brick Module |
| **Cooling** | Conduction Cooled (Baseplate) |
| **Mounting** | Through-hole PCB Mount |
---
### 2. Functional Sections
The M7S38FBJ-R operates through several integrated stages:
#### A. Power Factor Correction (PFC)
This part functions as an active PFC stage. It ensures that the current drawn from the AC line is in phase with the voltage, reducing harmonic distortion and improving efficiency.
#### B. Rectification
It converts incoming AC voltage into a high-voltage DC bus. This is usually the "Front-End" stage of a distributed power architecture (DPA).
#### C. Control & Protection
The module includes internal circuitry for:
* **Over-Voltage Protection (OVP):** Shuts down if the output exceeds safety limits.
* **Thermal Shutdown:** Protects against overheating by monitoring baseplate temperature.
* **Inrush Current Limiting:** Prevents massive current spikes when first plugged in.
---
### 3. Common Applications
These modules are designed for high-density environments where space is at a premium and reliability is critical:
1. **Industrial Automation:** Powering PLCs and motor controllers.
2. **Telecommunications:** Base station power supplies (48V systems often use these as the initial stage).
3. **Medical Equipment:** High-grade power conversion requiring low noise and high isolation.
4. **Test & Measurement:** Laboratory power supplies.
---
### 4. Implementation Details
When designing with the M7S38FBJ-R, engineers must focus on:
```cpp
// Typical Thermal Management Logic
if (Baseplate_Temperature > 100°C) {
Trigger_Derating_Protocol();
Send_Alarm_To_Host();
}
```
* **Thermal Interface:** Must be mounted to a heatsink using thermal grease or a thermal pad.
* **External Capacitors:** Requires external bulk capacitors to hold the DC bus voltage and filter ripple.
---
- ⤷
What are the pinout configurations for the M7S38FBJ-R?
- ⤷ What is the recommended heatsink size for this specific module?
- ⤷ Is this part compliant with medical safety standard IEC 60601-1?