Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • M7S42FAJ-R

  • AI
    Based on technical specifications, the **M7S42FAJ-R** is a high-performance, programmable crystal oscillator module. It is part of the M7S series, typically utilized in telecommunications and high-speed data networking. ### Technical Specifications The following table outlines the primary electronic characteristics of the M7S42FAJ-R: | Parameter | Specification | Description | | :--- | :--- | :--- | | **Component Type** | XO (Crystal Oscillator) | Fixed frequency reference source. | | **Output Type** | CMOS / TTL | Provides standard digital logic levels. | | **Supply Voltage (Vcc)** | 5.0V (Standard) | Standard operating voltage for the M7S series. | | **Frequency Range** | 1.0 MHz to 125 MHz | Depends on specific factory programming. | | **Frequency Stability** | ±100 ppm (Typical) | Stability over temperature and aging. | | **Package Type** | 4-Pin SMD / J-Lead | Surface mount device for automated assembly. | | **Operating Temp** | -40°C to +85°C | Industrial grade temperature range. | --- ### Internal Electronic Architecture The device consists of three main internal blocks: 1. **Quartz Crystal Resonator:** A precision-cut quartz blank that provides the mechanical resonance needed for frequency generation. 2. **Oscillator IC:** An application-specific integrated circuit (ASIC) that sustains the oscillation and manages the output buffer. 3. **Tri-State Functionality:** The "FAJ" designation often indicates specific pin configurations, including an "Enable/Disable" function (Pin 1) that allows the output to go into a high-impedance state for power saving or bus sharing. ### Pin Configuration Typically, the 4-pin layout follows this standard electronic convention: | Pin Number | Function | Description | | :--- | :--- | :--- | | 1 | E/D (Enable/Disable) | High or Open = Output Active; Low = High Impedance. | | 2 | GND | System Ground. | | 3 | Output | Frequency Signal Output. | | 4 | Vcc | Power Supply (+5V). | --- ### Key Applications * **Networking:** Routers, switches, and bridges. * **Computing:** High-speed microprocessors and digital signal processing (DSP). * **Storage:** Fiber channel and SATA interface clocking.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the M7S and M8S oscillator series?
    • ⤷ How does the 'Tri-state' function impact power consumption in this part?
    • ⤷ Can this part be used in automotive applications given its temperature rating?