AI

The part number **M7S43TAJ-R** refers to a high-performance **Crystal Oscillator** manufactured by **TXC Corporation**. Specifically, it belongs to the 7S series of SMD (Surface Mount Device) oscillators.
---
### 1. Key Technical Specifications
Based on the TXC 7S series nomenclature, here are the primary technical characteristics of this component:
| Feature | Specification |
| :--- | :--- |
| **Type** | CMOS Output Crystal Oscillator |
| **Package Size** | 7.0 x 5.0 x 1.3 mm (6 Pads) |
| **Supply Voltage (Vdd)** | 3.3V (Typical for the '43' code) |
| **Output Type** | CMOS / TTL Compatible |
| **Frequency Stability** | ±25 ppm to ±50 ppm (Depending on grade) |
| **Operating Temperature** | -40°C to +85°C (Industrial Grade) |
| **Packaging** | Tape & Reel ("-R") |
---
### 2. Breakdown of the Part Number
The alphanumeric string provides specific details about the component's construction:
* **M7S**: Represents the product family (SMD CMOS Oscillator, 7.0x5.0mm).
* **43**: Typically indicates the operating voltage (3.3V).
* **TAJ**: This is a specific internal factory code representing frequency and stability calibration (Common frequencies for this series include 25MHz, 50MHz, or 125MHz).
* **-R**: Indicates the packaging method, which is **Tape & Reel**, intended for automated Pick-and-Place assembly.
---
### 3. Application and Usage
These oscillators are used to provide a precise clock signal for digital circuits. Common applications include:
1. **Networking**: Ethernet switches, routers, and high-speed modems.
2. **Computing**: Motherboards, server management controllers, and storage devices.
3. **Industrial**: PLC (Programmable Logic Controllers) and automation sensors.
4. **Audio/Video**: High-definition video processing units.
---
### 4. Circuit Implementation
When integrating the M7S43TAJ-R into a PCB design, keep the following in mind:
```markdown
* Pin 1: OE (Output Enable) or NC (No Connect)
* Pin 2: NC
* Pin 3: GND (Ground)
* Pin 4: Output (Clock Signal)
* Pin 5: NC
* Pin 6: Vdd (Power Supply)
```
*Note: It is recommended to place a 0.01µF to 0.1µF bypass capacitor as close to the Vdd pin as possible to filter power supply noise.*
- ⤷
What is the specific output frequency for the TAJ suffix?
- ⤷ Can this oscillator operate at 1.8V or 2.5V instead of 3.3V?
- ⤷ What are the footprint-compatible alternatives to the TXC 7S series?