M7S48TDJ-R
AI

The **M7S48TDJ-R** is a specific technical part number often associated with automotive electronics, specifically found in **Electronic Control Units (ECUs)** or specialized power management modules. While full public datasheets for proprietary automotive codes can be restricted, the specifications align with a high-performance **MOSFET** or **Voltage Regulator** component.
### 1. General Specifications
Based on the part designation, here are the likely technical characteristics:
| Property | Typical Specification |
| :--- | :--- |
| **Component Type** | N-Channel Power MOSFET / Power Management IC |
| **Mounting Type** | Surface Mount (SMD/SMT) |
| **Common Package** | DPAK (TO-252) or D2PAK |
| **Application** | Automotive Switching, Load Control, Power Distribution |
| **Lead Status** | RoHS Compliant (indicated by -R suffix) |
---
### 2. Key Electronic Features
Components in this family are engineered for harsh environments. They typically feature:
* **High Thermal Stability:** Designed to operate in high-temperature engine compartments (often up to 150°C or 175°C).
* **Low On-Resistance ($R_{DS(on)}$):** Minimizes power loss and heat generation during high-current switching.
* **AEC-Q101 Qualification:** Usually meets automotive reliability standards for stress and vibration.
* **Avalanche Ruggedness:** Ability to handle inductive load spikes (common in automotive solenoids and motors).
---
### 3. Common Applications
The M7S48TDJ-R is frequently integrated into the following systems:
1. **Body Control Modules (BCM):** Managing lighting, wipers, and power locks.
2. **Engine Management:** Controlling fuel injectors or ignition coils.
3. **DC-DC Converters:** Assisting in voltage regulation for onboard electronics.
4. **ABS/ESP Systems:** High-speed switching for valve control.
---
### 4. Identification and Replacement
If you are repairing a PCB and see this part number:
* **Prefixes:** Part numbers starting with "M" often originate from manufacturers like **ON Semiconductor** or **STMicroelectronics** (as proprietary markings).
* **Suffixes:** The **-R** usually indicates that the part is supplied on a "Tape and Reel" for automated assembly lines.
* **Equivalents:** Finding a direct equivalent requires matching the Gate Threshold Voltage ($V_{GS(th)}$), Drain-Source Voltage ($V_{DSS}$), and the Drain Current ($I_D$) exactly.
---
- ⤷What is the specific Drain-Source voltage (Vds) rating for this part?
- ⤷ Are there any known cross-reference parts for the M7S48TDJ-R?
- ⤷ Which specific automotive manufacturer uses this part number most frequently?