M7S51FAJ-R
AI

The **M7S51FAJ-R** is a specific part number belonging to the **M7S series** of high-stability, surface-mount (SMD) clock oscillators manufactured by **KDS (Daishinku Corp.)**.
Below is a detailed breakdown of its electronic characteristics and specifications.
---
### 1. General Overview
The M7S51FAJ-R is a CMOS output crystal oscillator designed for high-precision timing applications. It is characterized by its small form factor and wide operating voltage range.
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | KDS (Daishinku Corp.) |
| **Package Type** | 7050 (7.0 x 5.0 mm) |
| **Output Type** | CMOS |
| **Mounting Type** | Surface Mount (SMD) |
| **Lead Status** | RoHS Compliant / Pb-Free |
---
### 2. Technical Specifications
Based on the "51FAJ" coding suffix, here are the typical electrical parameters for this series:
| Parameter | Value / Detail |
| :--- | :--- |
| **Supply Voltage (Vcc)** | +5.0V (Standard for the '5' series) |
| **Frequency Stability** | ±50 ppm or ±100 ppm (depending on specific binning) |
| **Operating Temperature** | -40°C to +85°C (Industrial Grade) |
| **Current Consumption** | 20mA to 45mA (Frequency dependent) |
| **Output Load** | 15pF (Standard CMOS load) |
| **Duty Cycle** | 45% to 55% |
| **Rise/Fall Time** | 4ns - 10ns Max |
---
### 3. Pin Configuration
The M7S series typically utilizes a 4-pad layout:
1. **Pad 1: Standby (OE)** - Output Enable/Disable. When high (or open), the oscillator functions. When low, the output goes to high impedance.
2. **Pad 2: Ground (GND)** - Connected to the system ground.
3. **Pad 3: Output** - The clock signal output.
4. **Pad 4: Vcc** - Power supply input.
---
### 4. Key Features & Applications
* **Tri-state Function:** Allows the oscillator to be disconnected from the bus for testing or power-saving modes.
* **High Reliability:** The hermetic sealing of the 7050 package ensures long-term frequency stability.
* **Applications:**
* Networking equipment (Routers, Switches).
* Industrial control systems.
* Data communications.
* General-purpose microprocessors and DSPs.
---
### 5. Part Number Breakdown (Typical KDS Logic)
* **M7S:** Series Name (CMOS Crystal Oscillator).
* **5:** Voltage Code (usually 5.0V).
* **1:** Frequency Stability code.
* **F:** Temperature Range code.
* **AJ:** Internal Factory/Specification code.
* **R:** Packaging code (usually refers to Tape & Reel).
- ⤷
What is the specific frequency of your M7S51FAJ-R unit?
- ⤷ Do you need the exact pinout diagram for a PCB layout?
- ⤷ Are you looking for a lower voltage alternative (e.g.
- ⤷ 3.3V) to this part?