M7S55FBJ-R
AI

The **M7S55FBJ-R** refers to a specific series of high-performance **Crystal Oscillators** (SPXO - Simple Packaged Crystal Oscillators) manufactured by **Jauch Quartz**. These components are critical for providing stable timing signals in digital circuits.
Below is a breakdown of the electronic specifications, physical characteristics, and technical parameters.
---
### 1. Technical Specifications
Based on the part numbering system for the Jauch M7S series, here are the primary electronic characteristics:
| Parameter | Specification |
| :--- | :--- |
| **Component Type** | SMD Crystal Oscillator (SPXO) |
| **Output Type** | HCMOS / TTL Compatible |
| **Supply Voltage ($V_{DD}$)** | 5.0V (Standard for M7S series) |
| **Frequency Range** | Typically 1.0 MHz to 160.0 MHz |
| **Frequency Stability** | ±25 ppm to ±100 ppm (depending on suffix) |
| **Operating Temperature** | -40°C to +85°C (Industrial Grade) |
| **Package Size** | 7.0 x 5.0 x 1.8 mm |
---
### 2. Part Number Breakdown
The suffix **"FBJ-R"** provides specific details regarding the performance and compliance of the unit:
* **M7S:** Series identifier (5.0V, 7x5mm package).
* **F:** Frequency stability code (usually indicates ±100ppm, though this varies by datasheet revision).
* **B:** Operating temperature range (typically -40°C to +85°C).
* **J:** Symmetry/Duty Cycle (typically 40/60%).
* **-R:** Indicates **RoHS Compliant**, meaning the part is lead-free and meets environmental safety standards.
---
### 3. Pin Configuration
The M7S55FBJ-R typically utilizes a 4-pad layout:
| Pin # | Function | Description |
| :--- | :--- | :--- |
| **1** | E/D or NC | Enable/Disable (Tristate) or No Connection |
| **2** | GND | Ground |
| **3** | Output | The generated clock signal |
| **4** | $V_{DD}$ | Power Supply (5.0V) |
---
### 4. Key Applications
Because of its 5.0V operation and robust 7x5mm footprint, this part is commonly found in:
* **Legacy Computing:** Motherboards and peripheral controllers requiring 5V logic.
* **Industrial Automation:** PLCs and sensors that operate in electrically noisy environments.
* **Networking:** Routers and switches for timing synchronization.
* **Embedded Systems:** Microcontrollers requiring an external high-speed clock source.
---
### 5. Schematic Symbol Representation
```cpp
+-------------------+
| (OSC) |
[1] | Enable --- Output | [3]
| |
[4] | VDD ------ GND | [2]
+-------------------+
```
- ⤷
What is the maximum frequency available for the M7S series?
- ⤷ How does the 'Tristate' function on Pin 1 affect power consumption?
- ⤷ Are there 3.3V alternatives to the M7S55FBJ-R in the same package size?