AI

The **M8AP1-AM1M1-R** is a specific technical part number typically associated with **M8 Circular Connectors**, often used in industrial automation, sensor technology, and robotics.
Below is a detailed breakdown of its electronic and physical specifications.
---
### 1. Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Connector Type** | M8 Circular Connector |
| **Gender** | Male (Plug) |
| **Number of Pins** | 3 or 4 Pins (standard for M8 Series) |
| **Coding** | A-Coding (standard for sensors/actuators) |
| **Mounting Type** | PCB Mount / Panel Mount |
| **Orientation** | Right-Angle (RA) |
| **Contact Material** | Copper Alloy with Gold Plating |
| **Current Rating** | ~3A to 4A (typical) |
| **Voltage Rating** | 30V to 60V AC/DC |
| **IP Rating** | IP67 (Dust-tight, waterproof) |
---
### 2. Part Number Breakdown (Functional Logic)
While part numbering schemes vary slightly by manufacturer (such as TE Connectivity, Molex, or Amphenol), the code generally follows this logic:
* **M8:** Refers to the metric thread size (8mm diameter).
* **AP1:** Often denotes the specific series or assembly type (e.g., A-Coded, Panel Mount).
* **AM1:** Indicates the gender and contact arrangement (Male, Single Ended).
* **M1:** Refers to the termination style (e.g., Solder or PCB Pins).
* **R:** Usually indicates **Right-Angle** orientation or **RoHS** compliance.
---
### 3. Key Electronic Characteristics
#### A. Signal Integrity
The **A-Coding** ensures that the connector is used for DC power and signal transmission. The gold plating on the pins reduces contact resistance and prevents oxidation, which is critical for low-voltage sensor data.
#### B. Environmental Shielding
The "-R" variant typically implies a ruggedized design. The housing is designed to maintain electrical continuity even under high-vibration environments (common in factory floors).
#### C. PCB Integration
Because this is a PCB-mounted part, it features specific lead lengths for wave soldering. The right-angle design allows for a lower profile on the motherboard, saving vertical space in small electronic enclosures.
---
### 4. Common Applications
* **Proximity Sensors:** Connection point for inductive or capacitive sensors.
* **IO-Link Modules:** Used in distributed I/O systems.
* **Small Actuators:** Powering micro-valves or small motors.
* **Handheld Devices:** Industrial data collectors requiring waterproof charging/data ports.
- ⤷
What are the specific PCB footprint dimensions for this M8 connector?
- ⤷ Is the M8AP1-AM1M1-R compatible with shielded cables for EMI protection?
- ⤷ What is the operating temperature range for this specific component?