Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • M8BS2-041-R

  • AI
    The **M8BS2-041-R** is a specific type of connector, typically falling under the category of **M8 circular connectors**. These are industry-standard components used primarily in industrial automation, sensor technology, and robotics. --- ### 1. Component Overview The M8BS2-041-R is a sub-miniature circular connector designed for reliable electrical connections in harsh environments. The alphanumeric code usually breaks down into specific physical and electrical characteristics. ### 2. Technical Specifications Below is a typical specification profile for this class of electronic part: | Feature | Specification | | :--- | :--- | | **Connector Type** | M8 Circular | | **Number of Contacts** | 4 Pins | | **Gender** | Male (Plug) or Female (Socket)* | | **Mounting Type** | PCB Mount / Right Angle (R suffix) | | **Rated Voltage** | 30V - 60V AC/DC | | **Rated Current** | 3A - 4A per contact | | **IP Rating** | IP67 (Dust tight, water immersion) | | **Orientation** | Right Angle (90-degree) | *\*Note: Exact gender depends on the manufacturer (often TE Connectivity, Molex, or Phoenix Contact).* --- ### 3. Key Electronic Characteristics #### A. Contact Plating These connectors usually feature **Gold (Au)** plating over Nickel. This is critical in electronics to prevent oxidation and ensure low contact resistance over thousands of mating cycles. #### B. The "R" Designation In electronic part numbering, the **-R** suffix commonly denotes: * **Right Angle:** The pins are bent at a 90-degree angle for mounting on a Printed Circuit Board (PCB). * **RoHS Compliant:** Indicates the part is lead-free and meets environmental safety standards. #### C. Shielding The body is often made of nickel-plated brass or zinc die-cast to provide **EMI/RFI shielding**, protecting the electronic signal from interference caused by nearby industrial machinery. --- ### 4. Common Applications * **Sensors:** Connecting Proximity, Photoelectric, and Ultrasonic sensors to a controller. * **Actuators:** Powering small solenoid valves or motors. * **I/O Boxes:** Used on junction blocks to distribute signals from the field to a PLC (Programmable Logic Controller). * **Data Transmission:** Limited data rates for BUS systems (like CANopen or DeviceNet). ---
    ✨ Follow-up Questions
    • ⤷ What is the pinout configuration for a standard 4-pin M8 connector?
    • ⤷ Is the M8BS2-041-R compatible with M12 cable assemblies?
    • ⤷ How does the IP67 rating impact the PCB soldering process for this part?