M8CD-4446-R
AI

The **M8CD-4446-R** is a specific surface-mount power inductor manufactured by **Eaton (formerly Coiltronics)**. It belongs to the **M8CD series**, which is designed for high-current applications and efficient power conversion.
---
### 1. Technical Specifications
Below are the primary electrical and physical characteristics of the M8CD-4446-R:
| Parameter | Specification |
| :--- | :--- |
| **Inductance** | 4.6 µH (Typical) |
| **Tolerance** | ±20% |
| **DC Resistance (DCR)** | ~11.5 mΩ (Max) |
| **Isat (Saturation Current)** | ~12.0 A |
| **Irms (Rated Current)** | ~8.5 A |
| **Operating Temperature** | -40°C to +125°C |
| **Mounting Type** | Surface Mount (SMD) |
| **Shielding** | Magnetically Shielded |
---
### 2. Key Internal Components & Materials
* **Core Material:** This part typically utilizes a **Metal Powder Core** (Iron Powder/Composite). Unlike traditional ferrite, metal powder provides a soft saturation characteristic, preventing a sudden drop in inductance when the current spikes.
* **Winding:** High-grade copper wire is wound around the core. The "CD" designation often refers to the specific drum-and-chase construction style used to optimize space.
* **Terminations:** Matte tin over copper plating, ensuring high solderability for lead-free (RoHS compliant) assembly processes.
* **Shielding:** The construction is magnetically shielded to minimize Electromagnetic Interference (EMI), which is critical in dense PCB layouts.
---
### 3. Functional Application
The M8CD-4446-R is primarily used in **DC-DC Converters** and **Voltage Regulator Modules (VRMs)**. Its role is to store energy in the form of a magnetic field and smooth out the current ripples.
**Common use cases include:**
1. **Computing:** Laptop and desktop motherboards for CPU/GPU power.
2. **Industrial:** Distributed power systems and DC-DC modules.
3. **Consumer Electronics:** High-efficiency power supplies for gaming consoles or smart home hubs.
---
### 4. Advantages
* **Low DCR:** The low resistance minimizes heat dissipation (I²R losses), leading to higher overall system efficiency.
* **High Power Density:** Large current handling capability within a relatively small footprint (approx. 8.3mm x 8.3mm).
* **Stable Performance:** The composite core handles high-frequency switching with minimal core losses.
- ⤷
How does the saturation current (Isat) of the M8CD series compare to traditional ferrite inductors?
- ⤷ What are the recommended PCB footprint dimensions for the M8CD-4446-R?
- ⤷ Can this inductor be used in automotive applications requiring AEC-Q200 qualification?