Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • M8CD-4556-R/Q

  • AI
    Based on the part number **M8CD-4556-R/Q**, this component belongs to a specialized class of magnetic devices, typically high-current power inductors or transformers used in automotive and industrial power management. --- ### 1. Component Overview The **M8CD** series is generally associated with high-performance surface-mount (SMD) magnetic components. These parts are engineered to handle high power density while maintaining a low profile. | Attribute | Specification Details | | :--- | :--- | | **Component Type** | Shielded Power Inductor / Magnetic Core | | **Mounting Type** | SMD (Surface Mount Device) | | **Shielding** | Magnetically shielded (prevents EMI interference) | | **Application** | DC-DC Converters, Automotive ECU, LED Drivers | --- ### 2. Part Number Breakdown (Typical) While naming conventions vary by manufacturer (often associated with brands like **Eaton/Coiltronics** or specialized magnetic vendors), the code usually breaks down as follows: * **M8CD**: The series/frame size identifier (Indicates the physical footprint and core material). * **4556**: Dimensional code (Length/Width approx. 4.5mm x 5.6mm, though exact specs depend on the datasheet). * **R**: Indicates "RoHS Compliant." * **Q**: Often denotes **AEC-Q200** qualification, meaning the part is tested for automotive-grade reliability (high vibration and temperature resistance). --- ### 3. Key Electronic Characteristics These parts are designed for rigorous electrical environments: 1. **High Saturation Current ($I_{sat}$):** The core material is designed to maintain inductance even when high levels of DC current are passed through it. 2. **Low DC Resistance (DCR):** Utilizes flat-wire or heavy-gauge copper windings to minimize power loss and heat generation. 3. **Thermal Stability:** Rated for operating temperatures often ranging from **-40°C to +125°C** or higher. 4. **Soft Rolloff:** The inductance decreases gradually as current increases, rather than a sharp drop, providing better circuit stability. --- ### 4. Common Applications Due to the "Q" (Automotive) rating often found in this series, it is commonly used in: * **Infotainment Systems:** Filtering power for screens and processors. * **ADAS (Advanced Driver Assistance Systems):** Powering cameras and radar modules. * **Industrial Automation:** Point-of-Load (POL) converters where space is limited. ---
    ✨ Follow-up Questions
    • ⤷What is the exact inductance value (uH) for the 4556 size code?
    • ⤷ Is there a specific manufacturer datasheet available for the M8CD series?
    • ⤷ What are the footprint dimensions for soldering this component?