M8CD-6446-R/Q
AI

The part number **M8CD-6446-R/Q** typically refers to a high-current, surface-mount (SMD) **molded power inductor**, commonly used in automotive and industrial power management systems.
---
### 1. Component Overview
Inductors of this series are designed for DC-DC converter applications where high efficiency and high current handling are required in a compact footprint.
| Feature | Description |
| :--- | :--- |
| **Component Type** | Molded Power Inductor |
| **Material** | Metal Alloy Powder (Composite) |
| **Mounting Type** | Surface Mount (SMD/SMT) |
| **Core Structure** | Shielded (Low EMI) |
---
### 2. Technical Specifications (General)
While specific electrical values (like Inductance) are determined by the alphanumeric codes following the series name, the **6446** footprint generally adheres to these parameters:
* **Dimensions:** Approximately 6.4mm x 6.4mm with a height of 4.6mm (though this can vary slightly by manufacturer).
* **Inductance Range:** Usually spans from $0.22\mu H$ to $22\mu H$.
* **Operating Temperature:** Often rated for $-40^\circ C$ to $+125^\circ C$ or higher.
* **Saturation Current ($I_{sat}$):** High, due to the metal powder core which resists hard saturation.
---
### 3. Key Electronic Characteristics
#### A. Magnetic Shielding
The "Molded" construction means the coil is embedded directly into a metallic powder mixture. This provides **magnetic shielding**, significantly reducing Electromagnetic Interference (EMI) which is critical for sensitive automotive electronics.
#### B. Soft Saturation
Unlike traditional ferrite core inductors that lose inductance sharply when current exceeds limits, these parts exhibit a "soft" saturation curve. This ensures more stable performance during current spikes.
#### C. Low DCR (DC Resistance)
The internal structure uses flat or heavy-gauge copper wire to minimize resistance, which reduces heat generation and improves overall power efficiency.
---
### 4. Typical Applications
* **Automotive Electronics:** Infotainment systems, LED lighting drivers, and ADAS modules (the "Q" suffix often denotes AEC-Q200 qualification).
* **Voltage Regulator Modules (VRMs):** Used in CPU/GPU power supplies.
* **DC-DC Converters:** Point-of-load (POL) converters for industrial equipment.
---
- ⤷What is the specific inductance value for the '6446' series?
- ⤷ What does the 'Q' suffix signify in automotive electronic components?
- ⤷ How does a molded inductor differ from a wire-wound ferrite inductor?