Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • M8DY1-441-R

  • AI
    The **M8DY1-441-R** is a specific part number typically associated with **TDK-Lambda** power modules or components, often found in high-reliability industrial or telecommunications power supplies. Specifically, this code refers to a custom or specific configuration of an AC-DC or DC-DC converter assembly. --- ### 1. Component Overview The "M8DY" series generally belongs to the **HWS (Heavy Duty)** or **Custom Power Module** families. These parts are designed for 24/7 operation in demanding environments. | Feature | Specification (Typical) | | :--- | :--- | | **Manufacturer** | TDK-Lambda | | **Component Type** | AC-DC Power Module / Component | | **Mounting Type** | Chassis Mount / Internal Assembly | | **RoHS Status** | Compliant (indicated by the -R suffix) | | **Application** | Industrial Automation, Telecom, Medical | --- ### 2. Key Technical Attributes Based on the nomenclature used in this series, the parts focus on several critical electronic parameters: * **Input Range:** Usually Universal AC input (85-265VAC) or high-voltage DC input. * **Thermal Management:** Designed with high-grade aluminum heat sinking to allow for convection cooling or forced air. * **Protection Circuits:** * **OCP (Over Current Protection):** Automatic recovery. * **OVP (Over Voltage Protection):** Shutdown style. * **OTP (Over Temperature Protection):** Shuts down the unit if internal thermistors exceed safety thresholds. --- ### 3. Usage and Integration These parts are rarely used as standalone "hobbyist" components. Instead, they are integrated into larger systems via specific wiring harnesses or PCB headers. #### Connection Diagram Concept ```yaml Input Side: - L (Line) - N (Neutral) - FG (Frame Ground) Output Side: - +V (Positive Rail) - -V (Return/Ground) - Remote On/Off (Optional logic pin) ``` --- ### 4. Meaning of the "-R" Suffix In TDK-Lambda and general electronic component naming conventions: 1. **RoHS Compliance:** The "-R" most commonly signifies that the part is lead-free and meets environmental standards. 2. **Remote Sensing:** In some power supply contexts, it can indicate a "Remote On/Off" functionality or "Remote Sensing" capability to compensate for voltage drops across long lead wires.
    ✨ Follow-up Questions
    • ⤷ What is the exact output voltage and wattage for the M8DY1-441-R?
    • ⤷ Are there specific mounting hardware requirements for this module?
    • ⤷ Can this part be cross-referenced with standard HWS series power supplies?