Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • M8PA-A55-R

  • AI
    ### Electronic Overview: M8PA-A55-R The **M8PA-A55-R** is a specific variant of an industrial-grade connector, typically identified as a **Circular M8 Connector** from the **M8 Series**. These parts are widely used in industrial automation for connecting sensors, actuators, and fieldbus components. --- ### Technical Specifications The following table outlines the typical electrical and physical characteristics associated with this part number: | Characteristic | Specification (Typical) | | :--- | :--- | | **Connector Size** | M8 | | **Gender** | Male (Plug) | | **Orientation** | Right Angle (indicated by "A" or "R" suffix) | | **Number of Pins** | 3 or 4 Pins (Standard configuration) | | **Current Rating** | 3A to 4A | | **Voltage Rating** | 30V to 60V AC/DC | | **Coding** | A-Coded (Standard for Sensors) | | **IP Rating** | IP67 / IP68 (Waterproof/Dustproof) | --- ### Key Electronic Components & Materials 1. **Contact Pins:** Usually made of **Gold-plated Brass or Copper Alloy**. The gold plating is critical to prevent oxidation in harsh industrial environments and ensure low contact resistance. 2. **Insulator/Core:** Constructed from **TPU (Thermoplastic Polyurethane)** or **PBT**. This material provides high dielectric strength to prevent short-circuiting between pins. 3. **Coupling Nut:** Often **Nickel-plated Brass**. This provides the mechanical ground and ensures a secure, vibration-resistant connection. 4. **Termination Type:** Depending on the exact sub-variant, these are often **Solder** or **Screw-terminal** connections, allowing for field assembly. ### Common Applications * **Proximity Sensors:** Connecting inductive or capacitive sensors to a PLC. * **Small Actuators:** Powering small solenoid valves. * **I/O Boxes:** Linking distributed I/O modules in a factory floor environment. * **Robotics:** Used in end-of-arm tooling where space is limited and a small form factor is required. --- ### Comparison: M8 vs. M12 | Feature | M8 (M8PA-A55-R) | M12 | | :--- | :--- | :--- | | **Space Efficiency** | High (Compact) | Moderate | | **Current Capacity** | Lower (Max 4A) | Higher (Up to 12A+) | | **Durability** | High | Very High |
    ✨ Follow-up Questions
    • ⤷ What is the specific pinout diagram for the M8PA-A55-R?
    • ⤷ Is this connector compatible with standard PVC or PUR cabling?
    • ⤷ Does this model support EMI/RFI shielding?