Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • M8PA1-C55-R

  • AI
    The **M8PA1-C55-R** typically refers to a high-performance **M8 Circular Connector Assembly**, often utilized in industrial automation for sensors, actuators, and data transmission. ### 1. Technical Specifications Below are the primary electronic and physical characteristics of this component: | Feature | Specification | | :--- | :--- | | **Connector Type** | M8 Circular Connector | | **Coding** | A-Coded (Standard for sensors/DC power) | | **Number of Poles** | 3 or 4 Pins (Configuration dependent) | | **Current Rating** | ~3A to 4A | | **Voltage Rating** | 30V to 60V AC/DC | | **Ingress Protection** | IP67 / IP68 (Waterproof/Dustproof) | | **Termination** | Pre-wired (C55 usually denotes cable length/type) | --- ### 2. Key Electronic Components The assembly consists of several critical parts that ensure signal integrity: 1. **Contact Pins:** Usually made of **Gold-plated Brass or Bronze**. The gold plating minimizes contact resistance and prevents oxidation over long-term use in harsh environments. 2. **Insulator Body:** Constructed from high-dielectric materials like **TPU (Thermoplastic Polyurethane)** or **PA66 (Nylon)** to prevent short-circuiting between pins. 3. **Coupling Nut:** A threaded metal (nickel-plated brass) or plastic nut used to ensure a vibration-proof mechanical connection, maintaining constant electrical contact. 4. **Shielding:** Many versions include a 360° shielding wrap to protect sensitive low-voltage signals from Electromagnetic Interference (EMI). --- ### 3. Wiring and Pinout (A-Coding) In industrial automation, the electronic wiring follows a standardized color code for the internal conductors: | Pin Number | Wire Color | Function (Typical) | | :--- | :--- | :--- | | **1** | Brown | Positive (+24V DC) | | **2** | White | Signal / NC | | **3** | Blue | Negative (0V / GND) | | **4** | Black | Switching Output / Signal | --- ### 4. Application Context These parts are electronically designed to interface between: * **Proximity Sensors:** Inductive or capacitive sensors. * **PLC Input Modules:** Sending digital or analog signals to a controller. * **Small Actuators:** Powering low-draw solenoid valves or LEDs.
    ✨ Follow-up Questions
    • ⤷ What is the exact cable length indicated by the 'C55' suffix?
    • ⤷ Is this connector compatible with B-coded or D-coded M8 ports?
    • ⤷ What is the maximum operating temperature for the M8PA1-C55-R?