AI

The **M8PT-255-R** is a specific part number belonging to the **M8PT series** of high-power, metal strip current sense resistors manufactured by **Susumu**. These components are specifically designed for power management and current monitoring in demanding electronic environments.
---
### 1. Key Technical Specifications
The following table outlines the core electrical characteristics of the M8PT-255-R:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Susumu |
| **Component Type** | Metal Strip Current Sense Resistor |
| **Resistance Value** | ~2.5 mΩ (Milliohms) |
| **Power Rating** | High Power (Typically up to 5W - 10W depending on cooling) |
| **Tolerance** | ±1% (Typical for "R" suffix) |
| **Temperature Coefficient (TCR)** | Very Low (e.g., ±50ppm/°C) |
| **Package Size** | Custom High-Power Footprint (M8 series) |
---
### 2. Core Features
* **Metal Strip Construction:** Unlike standard thick-film resistors, the M8PT series uses a solid metal alloy as the resistive element. This allows for superior heat dissipation and higher current handling capabilities.
* **Low Resistance (Shunt):** Because the resistance is extremely low (in the milliohm range), it is used as a "shunt" to measure current by monitoring the voltage drop across it ($V = I \times R$).
* **High Thermal Stability:** The "PT" designation often indicates a design optimized for thermal management, ensuring the resistance value does not drift significantly as the part heats up under load.
* **AEC-Q200 Compliance:** Most parts in this series are automotive grade, meaning they are tested for high vibration, thermal shock, and long-term reliability.
---
### 3. Common Applications
The M8PT-255-R is typically found in high-current power electronics:
1. **Automotive Systems:** Battery Management Systems (BMS), electric power steering, and DC/DC converters.
2. **Industrial Power Supplies:** Monitoring current in large motor drives or high-wattage power units.
3. **Battery Charging:** Used in laptop or power tool chargers to regulate fast-charging currents.
4. **Consumer Electronics:** High-end power distribution units for servers.
---
### 4. Implementation Example (Basic Shunt Circuit)
In a typical circuit, the resistor is placed in series with the load. A Current Sense Amplifier (CSA) measures the differential voltage.
```python
# Calculating Voltage Drop for a 10A current
resistance = 0.0025 # 2.5 mOhms
current = 10.0 # Amps
voltage_drop = current * resistance
print(f"Voltage Drop: {voltage_drop} Volts")
# Result: 0.025V or 25mV
```
- ⤷
What are the mounting requirements for the M8PT-255-R to ensure proper heat dissipation?
- ⤷ How does the TCR of this resistor compare to standard thick-film resistors?
- ⤷ What is the maximum current rating for this specific 2.5mΩ model?