M8R22FAJ-R
AI

The **M8R22FAJ-R** is an electronic component manufactured by **ALPS Alpine**. It belongs to the category of **Tactile Switches** (specifically from the SKRP Series), which are used to provide a physical "click" sensation and complete a circuit when pressed.
---
### Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Type** | Tactile Switch (Surface Mount - SMT) |
| **Series** | SKRP Series |
| **Dimensions** | 4.2 × 3.2mm |
| **Operating Force** | 2.5 N (approx. 250gf) |
| **Travel** | 0.25 mm |
| **Operating Life** | 100,000 cycles |
| **Terminal Type** | J-bent leads |
| **Height** | 2.5 mm |
---
### Key Internal Parts and Construction
The reliability of the M8R22FAJ-R is due to its internal construction, which consists of several high-precision layers:
1. **Actuator (Stem):** The top part that the user pushes. It is typically made of heat-resistant resin to withstand soldering temperatures.
2. **Contact Dome (Snap Plate):** The "heart" of the switch. It is a thin, curved metal disc (usually stainless steel or phosphor bronze). When pressed, it collapses to create the tactile "click" and bridges the contacts.
3. **Cover:** A metal frame that holds the internal components together and provides structural integrity.
4. **Base:** The plastic housing (molded resin) that holds the fixed terminals in place.
5. **Terminals:** Silver-plated leads that are soldered onto the PCB. The "J-bent" design helps save space on the board.
---
### Application Usage
This specific part is widely used in consumer electronics where space is limited but high durability is required:
* **Wearables:** Smartwatches and fitness trackers.
* **Portable Audio:** Volume or power buttons on headphones and MP3 players.
* **Mobile Devices:** Power or reset buttons for smartphones and tablets.
* **Cameras:** Shutter or menu navigation buttons.
---
### Schematic Representation
In a circuit diagram, the switch is represented as a "Normally Open" (NO) momentary switch:
```text
[ Terminal 1 ] ----\ ---- [ Terminal 2 ]
\
(Press to close)
```
- ⤷
What is the difference between J-bent and G-wing terminals in tactile switches?
- ⤷ How does the silver plating on the terminals affect soldering?
- ⤷ Can this switch be used in automotive applications?