M8R24TAJ-R
AI

The **M8R24TAJ-R** is a specific electronic component, typically categorized as a **Resistor Network** or **Thick Film Resistor Array**. These components are designed to save board space by integrating multiple resistors into a single package.
---
### 1. Component Overview
The part number follows a standard nomenclature often associated with manufacturers like **ASJ (ASJ Holdings)** or similar passive component specialists.
| Parameter | Specification (Typical) |
| :--- | :--- |
| **Component Type** | Resistor Network / Array |
| **Configuration** | 8 Resistors (Isolated or Common) |
| **Package Style** | Convex or Concave Terminal (SMD) |
| **Termination** | Matte Tin (RoHS Compliant) |
| **Resistance Value** | Defined by specific coding (e.g., 24T may indicate a specific range) |
---
### 2. Breakdown of Part Numbering
While naming conventions vary slightly by manufacturer, here is a breakdown of the typical segments:
* **M8**: Often refers to the physical size or the number of elements (8 resistors).
* **R**: Resistor type (Thick Film).
* **24**: This usually refers to the resistance value code or the physical dimensions (e.g., 1206 or 0603 equivalent for the whole array).
* **TAJ**: This represents specific tolerance (e.g., J = ±5%) and packaging style (Tape & Reel).
* **-R**: Indicates compliance with **RoHS** (Restriction of Hazardous Substances) standards.
---
### 3. Key Technical Features
These parts are engineered for high-density surface mount technology (SMT) applications:
* **Space Saving:** One chip replaces up to 8 individual resistors, reducing the footprint on the Printed Circuit Board (PCB).
* **Cost Efficiency:** Lower placement costs during assembly (one "pick and place" action instead of many).
* **Matching Characteristics:** Since all resistors in the array are manufactured on the same substrate, they exhibit very similar temperature coefficients (TCR) and performance stability.
---
### 4. Common Applications
* **Pull-up/Pull-down Networks:** Used in digital circuits for signal lines (I2C, address buses).
* **Termination:** Used in high-speed data lines to prevent signal reflection.
* **Current Limiting:** Managing LEDs or low-power indicators in consumer electronics.
---
- ⤷
What is the exact resistance value and tolerance for the 24TAJ suffix?
- ⤷ Does this component use an isolated or bused circuit configuration?
- ⤷ What is the physical package size (e.g.
- ⤷ 0603x4 or 1206x8) of this array?