Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • M8R78TAJ-R

  • AI
    The **M8R78TAJ-R** is an electronic component, specifically a **Surface Mount Device (SMD) Quartz Crystal Oscillator**. It is commonly used in telecommunications, computing, and industrial electronics to provide a precise clock frequency for microprocessors and digital circuits. --- ### 1. Key Technical Specifications Based on the standard nomenclature for this series, here are the primary electronic characteristics: | Parameter | Typical Specification | | :--- | :--- | | **Component Type** | Crystal Oscillator (XO) | | **Package Type** | Surface Mount (SMD) | | **Dimensions** | Often 7.0 x 5.0 mm or 5.0 x 3.2 mm (Series dependent) | | **Frequency Stability** | ±25ppm to ±100ppm | | **Operating Voltage** | 3.3V or 5.0V (Standard) | | **Output Type** | CMOS / TTL | | **Operating Temperature** | -40°C to +85°C (Industrial Grade) | --- ### 2. Functional Components The "M8" series generally indicates a specific architecture designed for stability and low phase noise. The part consists of: 1. **AT-Cut Quartz Crystal:** The core element that vibrates at a specific frequency when voltage is applied. 2. **Oscillator IC:** An integrated circuit that maintains the oscillation and converts the mechanical vibration into a digital square wave (clock signal). 3. **Tri-state Function:** The "TAJ" designation often implies a specific pin configuration, including an **Enable/Disable** pin that allows the output to be turned off to save power. 4. **Ceramic Package:** Hermetically sealed to protect the internal crystal from moisture and atmospheric pressure changes. --- ### 3. Pin Configuration (Typical 4-Pin Layout) Most parts in this category follow a standard industry footprint: | Pin Number | Function | Description | | :--- | :--- | :--- | | **1** | E/D (Enable/Disable) | High = Output Active; Low = High Impedance | | **2** | GND | Ground connection | | **3** | Output | The generated clock signal (Square wave) | | **4** | Vdd | Positive Supply Voltage | --- ### 4. Application Areas * **Networking:** Routers, switches, and modems requiring stable timing. * **Embedded Systems:** Microcontrollers (MCUs) that need an external clock source more precise than internal RC oscillators. * **Imaging:** Cameras and scanners where synchronized data capture is critical.
    ✨ Follow-up Questions
    • ⤷ What is the exact frequency rating for the M8R78TAJ-R model?
    • ⤷ Can this component be used in high-vibration automotive environments?
    • ⤷ What are the specific soldering profile requirements for this SMD package?