M8RS-044-R
AI

The **M8RS-044-R** is a high-performance, precision magnetic sensor typically utilized in industrial automation and automotive applications. It is designed to detect magnetic fields with high sensitivity and reliability.
### 1. Technical Specifications
Below are the general electronic characteristics associated with the M8RS series:
| Parameter | Specification |
| :--- | :--- |
| **Housing Material** | Stainless Steel / Nickel-plated Brass |
| **Mounting Type** | M8 Threaded (Flush/Non-flush) |
| **Output Type** | Reed Switch / Magnetic Proximity |
| **Contact Form** | Normally Open (NO) / SPST |
| **Switching Voltage** | Up to 100V DC / 120V AC |
| **Switching Current** | Max 0.5A |
| **Response Time** | < 1.0 ms |
---
### 2. Key Electronic Components & Features
#### A. Reed Switch Mechanism
The core of the device is a **Reed Switch**, which consists of two ferromagnetic blades (reeds) hermetically sealed in a glass envelope.
* **Action:** When a magnetic field (from a permanent magnet or electromagnet) approach, the blades become polarized and attract each other, closing the circuit.
* **Durability:** Because the contacts are sealed in inert gas, they are resistant to oxidation and corrosion.
#### B. Connection Interface
The "R" suffix often denotes a specific termination type:
* **Cable:** Usually a PVC or PUR jacketed cable with two or three wires.
* **Internal Circuitry:** May include a protection diode or a varistor to prevent back-EMF spikes when switching inductive loads.
#### C. Environmental Ruggedness
* **IP Rating:** Typically rated **IP67**, meaning it is dust-tight and protected against water immersion.
* **Shock/Vibration:** The solid-state internal mounting allows it to withstand high-vibration industrial environments.
---
### 3. Application Examples
1. **Cylinder Position Sensing:** Detecting the stroke position of pneumatic or hydraulic cylinders.
2. **Safety Interlocks:** Ensuring a machine guard or door is closed before operation.
3. **Pulse Counting:** Acting as a tachometer by sensing a rotating magnet on a shaft.
---
### 4. Wiring Diagram (Generic)
```mermaid
graph LR
A[Power Supply +] --- B(M8RS-044-R Sensor)
B --- C[Load / PLC Input]
C --- D[Power Supply -]
```
- ⤷
What are the specific wiring color codes for the M8RS-044-R?
- ⤷ What is the maximum operating temperature for this sensor?
- ⤷ Can this sensor be used with a 24V PLC input?