M8RS-166-R
AI

The **M8RS-166-R** is a high-performance, shielded power inductor manufactured by **Eaton (formerly Coiltronics)**. It is part of the MPI4040 series, specifically designed for high-density power applications where space and efficiency are critical.
---
### 1. Key Technical Specifications
The following table highlights the primary electrical and physical characteristics of the M8RS-166-R:
| Parameter | Value |
| :--- | :--- |
| **Inductance** | 16.0 µH |
| **Tolerance** | ±20% |
| **Current Rating (Irms)** | ~2.5 A to 3.0 A (Typical) |
| **Saturation Current (Isat)** | ~3.2 A |
| **DC Resistance (DCR)** | ~90 mΩ (Typical) |
| **Operating Temperature** | -40°C to +125°C |
| **Package / Case** | 4040 (4.0mm x 4.0mm x 2.0mm) |
| **Shielding** | Magnetically Shielded |
---
### 2. Core Features
* **Composite Molded Construction:** The inductor uses a metal powder core material. This allows for a "soft" saturation characteristic, meaning the inductance drops gradually rather than abruptly as current increases.
* **High Efficiency:** It features low DCR (DC Resistance) which minimizes power loss through heat, making it ideal for battery-operated devices.
* **Low EMI:** Because it is magnetically shielded, it minimizes electromagnetic interference (EMI) with surrounding components on the PCB.
* **Rugged Design:** The molded structure provides high resistance to mechanical shock and vibration.
---
### 3. Typical Applications
The M8RS-166-R is commonly found in modern electronics requiring compact power management:
1. **DC-DC Converters:** Used as the energy storage element in buck (step-down) or boost (step-up) converters.
2. **Portable Electronics:** Found in tablets, smartphones, and handheld gaming consoles due to its low profile (2mm height).
3. **Computing:** Used in VRM (Voltage Regulator Module) circuits for CPUs and GPUs in laptops.
4. **LED Lighting:** Driver circuits for high-brightness LEDs.
---
### 4. Part Number Breakdown
* **M8RS:** Series designation (High current, molded inductor).
* **166:** The inductance code. "16" is the significant figure, and "6" usually denotes the multiplier or specific sub-series variant (leading to 16µH).
* **R:** Indicates RoHS compliance (Lead-free).
- ⤷
What are the main differences between the M8RS and standard ferrite inductors?
- ⤷ How does the saturation current affect the performance of this part in a buck converter?
- ⤷ Are there alternative footprints available if the 4040 size is too large for my PCB?