AI

The **M8RS-644-R** is a high-performance, shielded power inductor manufactured by **Eaton (formerly Bussmann)**. It belongs to the M8RS series, which is specifically designed for high-frequency power conversion and noise suppression in compact electronic environments.
---
### 1. Key Technical Specifications
The following table highlights the core electrical characteristics of the M8RS-644-R:
| Parameter | Specification |
| :--- | :--- |
| **Inductance** | 640 nH (0.64 µH) |
| **Tolerance** | ±20% |
| **Rated Current (Irms)** | ~28.0 Amperes (Typical) |
| **Saturation Current (Isat)** | ~44.0 Amperes (Typical) |
| **DC Resistance (DCR)** | ~0.75 mΩ (Max) |
| **Operating Temperature** | -40°C to +125°C |
| **Shielding** | Magnetically Shielded |
---
### 2. Core Features
The M8RS-644-R is engineered with specific physical and chemical properties to handle high power density:
* **Low DCR (Direct Current Resistance):** By utilizing a flat wire or optimized winding structure, it minimizes power loss due to heat, significantly improving efficiency in DC-DC converters.
* **Magnetic Shielding:** The component is enclosed in a magnetic powder or ferrite core, which reduces Electromagnetic Interference (EMI) and prevents magnetic flux from affecting neighboring components.
* **Soft Saturation:** The material construction allows for a "soft" saturation curve, meaning the inductance decreases gradually as current increases, rather than dropping off sharply.
* **AEC-Q200 Grade:** Many parts in this series are qualified for automotive use, ensuring high reliability under vibration and thermal shock.
---
### 3. Common Applications
Due to its high current handling and low profile, the M8RS-644-R is commonly found in:
1. **Voltage Regulator Modules (VRMs):** Used in CPU/GPU power delivery for servers and high-end workstations.
2. **Point-of-Load (POL) Converters:** Efficiently stepping down voltage for FPGAs and ASICs.
3. **Automotive Electronics:** Infotainment systems, ADAS sensors, and LED lighting drivers.
4. **Battery Powered Systems:** Where high efficiency is critical to extending battery life.
---
### 4. Footprint and Mounting
The M8RS series typically utilizes an **SMD (Surface Mount Device)** package. The "644" in the part number often refers to the specific physical dimensions (approximately 8mm footprint), allowing for automated "pick-and-place" assembly on PCBs.
- ⤷What is the difference between Irms and Isat for this inductor?
- ⤷ Are there alternative inductors with a lower DCR than the M8RS-644-R?
- ⤷ How does the soft saturation curve benefit DC-DC converter design?