M8RS1-166-R
AI

The **M8RS1-166-R** is a specific part number typically associated with high-performance **Magnetic Connectors** or **Magnetic RJ45 Jacks** (Integrated Connector Modules - ICMs) used in networking hardware.
---
## 1. Technical Specifications
This component is designed to handle Ethernet data transmission while providing electrical isolation and noise filtering.
| Feature | Specification |
| :--- | :--- |
| **Component Type** | RJ45 Magnetic Jack (ICM) |
| **Data Rate** | 10/100/1000 Base-T (Gigabit Ethernet) |
| **Port Configuration** | Single Port (1x1) |
| **Shielding** | Metal Shield with EMI Tabs |
| **LEDs** | Integrated (usually Green/Yellow) |
| **Mounting Type** | Through-Hole (THT) / Right Angle |
| **Operating Temp** | -40°C to +85°C (Industrial Grade) |
---
## 2. Key Internal Electronic Parts
An ICM like the M8RS1-166-R is not just a plastic socket; it contains a complex set of passive components inside the housing:
### A. Isolation Transformers
* **Function:** Provides galvanic isolation (usually up to 1500V AC) between the PHY chip and the network cable.
* **Benefit:** Protects sensitive circuitry from voltage spikes and static electricity (ESD).
### B. Common Mode Chokes (CMC)
* **Function:** Filters out high-frequency electromagnetic interference (EMI).
* **Benefit:** Ensures signal integrity and helps the device pass FCC/CE emissions standards.
### C. Bob Smith Termination
* **Function:** A network of resistors (75Ω) and high-voltage capacitors.
* **Benefit:** Matches impedance and shunts common-mode noise to the ground to reduce EMI.
---
## 3. Pinout and Interface
The part acts as the bridge between two different interfaces:
1. **PHY Side (PCB):** Connects to the Ethernet PHY transceiver chip. These pins are sensitive to layout and trace length.
2. **Cable Side (RJ45):** Connects to the standard Cat5e/Cat6 twisted pair cables.
---
## 4. Common Applications
* **Industrial Automation:** PLCs and Industrial PCs.
* **Networking Gear:** Switches, routers, and hubs.
* **IoT Gateways:** Devices requiring robust wired connectivity in harsh environments.
---
- ⤷What is the footprint layout for the M8RS1-166-R on a PCB?
- ⤷ How does the 'R' suffix in the part number affect the RoHS compliance or packaging?
- ⤷ What are the recommended magnetics for 10G Ethernet versus this 1G model?