M8S11FBJ-R
AI

### Overview: M8S11FBJ-R
The **M8S11FBJ-R** is a high-performance, 8-bit microcontroller (MCU) developed by **MindMotion**. It is part of the MM32 family, specifically designed to be compatible with the widely used STM8S series. It is commonly used in low-power consumer electronics, industrial control, and small-scale automation.
---
### Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Core** | 8-bit MindMotion Core (Up to 24MHz) |
| **Flash Memory** | 8 KB |
| **SRAM** | 1 KB |
| **EEPROM** | 640 Bytes |
| **Operating Voltage** | 2.9V to 5.5V |
| **Operating Temperature** | -40°C to +85°C |
| **Package Type** | TSSOP20 |
---
### Core Electronic Components & Peripherals
The architecture of the M8S11FBJ-R integrates several critical modules for system control:
#### 1. Clock & Timing
* **Internal RC Oscillator:** Includes a factory-trimmed 16 MHz HSI (High-Speed Internal) and a 128 kHz LSI (Low-Speed Internal).
* **Timers:**
* 1x 16-bit advanced control timer (PWM generation).
* 1x 16-bit general-purpose timer.
* 1x 8-bit basic timer.
#### 2. Analog Peripherals
* **ADC (Analog-to-Digital Converter):** Features a 10-bit ADC with up to 5 external channels, supporting single and continuous conversion modes.
* **Communication Interfaces:**
* **UART:** Universal Asynchronous Receiver Transmitter for serial communication.
* **SPI:** Up to 8 Mbit/s.
* **I2C:** Support for Master/Slave modes.
#### 3. Power Management
* Supports multiple low-power modes: **Wait, Active-halt, and Halt**.
* Integrated Power-On Reset (POR) and Brown-Out Reset (BOR) to ensure system stability during voltage fluctuations.
---
### Pin Configuration (TSSOP20)
Below is a typical functional breakdown for the 20-pin package:
1. **VSS / VDD:** Ground and Power supply pins.
2. **NRST:** Reset pin (Active low).
3. **PA1 - PA3:** General Purpose I/O (GPIO), often used for crystal oscillators.
4. **PB4 - PB5:** I2C interface pins (SDA/SCL).
5. **PC3 - PC7:** GPIOs / PWM outputs.
6. **PD1 - PD6:** UART (TX/RX) and ADC input channels.
---
### Example: Basic GPIO Initialization (Pseudo-Code)
If you are programming this device, the register-level logic follows standard 8-bit MCU patterns:
```c
// Example: Set Pin B5 to Output for LED Blinking
void GPIO_Init(void) {
PB_DDR |= (1 << 5); // Set Pin 5 as Output
PB_CR1 |= (1 << 5); // Set as Push-Pull
}
void main(void) {
GPIO_Init();
while(1) {
PB_ODR ^= (1 << 5); // Toggle LED
Delay(1000);
}
}
```
- ⤷
What are the main differences between the M8S11FBJ-R and the STM8S003F3?
- ⤷ Which development tools or IDEs support the MindMotion M8S series?
- ⤷ Does this MCU support hardware PWM for motor control?