M8S11TAJ-R
AI

Based on the part number **M8S11TAJ-R**, this component is a high-performance **Crystal Oscillator** (often a Temperature Compensated Crystal Oscillator or TCXO) manufactured by **Taitien**. It is widely used in telecommunications, networking, and GPS applications where timing precision is critical.
---
## 1. Technical Specifications
Below is a breakdown of the typical electronic characteristics for this series:
| Parameter | Specification (Typical) |
| :--- | :--- |
| **Type** | TCXO (Temperature Compensated Crystal Oscillator) |
| **Output Type** | Clipped Sine Wave / CMOS |
| **Supply Voltage (Vdd)** | 1.8V to 3.3V (Commonly 3.0V) |
| **Frequency Stability** | ±0.5ppm to ±2.5ppm (Over Temp) |
| **Package Size** | 2.0 x 1.6 mm or 2.5 x 2.0 mm (SMD) |
| **Operating Temperature** | -40°C to +85°C |
| **RoHS Status** | Compliant (Lead-Free) |
---
## 2. Key Electronic Features
### A. Frequency Stability
The "TCXO" designation means the component includes internal circuitry to compensate for frequency drifts caused by temperature changes. This makes it significantly more accurate than a standard crystal resonator.
### B. Low Phase Noise
The M8S series is engineered for low jitter and low phase noise, which is essential for wireless communication modules to prevent interference and maintain high data integrity.
### C. Low Power Consumption
Designed specifically for mobile and portable electronics, these parts draw very little current (often <2.0mA), extending the battery life of the host device.
### D. "R" Suffix Meaning
In electronic component nomenclature, the **-R** suffix typically denotes **Tape & Reel** packaging, indicating that the parts are supplied on a reel for automated SMT (Surface Mount Technology) assembly lines.
---
## 3. Common Applications
* **Wireless Communication:** WiFi, Bluetooth, and LTE modules.
* **Navigation:** GPS/GNSS receivers requiring fast TTFF (Time to First Fix).
* **IoT Devices:** Low-power wide-area networks (LPWAN).
* **Smartphones:** Main system clocking.
---
## 4. Pin Configuration (Typical 4-Pin SMD)
| Pin # | Function | Description |
| :--- | :--- | :--- |
| **1** | Vcon / NC | Voltage Control (for VCTCXO) or No Connection |
| **2** | GND | Ground |
| **3** | Output | Frequency Output Signal |
| **4** | Vdd | Power Supply Voltage |
- ⤷
What is the specific frequency of the M8S11TAJ-R you are looking for?
- ⤷ How does a TCXO differ from a standard crystal (XO) in a circuit?
- ⤷ Are you looking for a direct cross-reference or equivalent from another manufacturer like Rakon or Epson?