M8S12TAJ-R
AI

The **M8S12TAJ-R** is a specific surface-mount electronic component, typically categorized as a **Resistor Network** or **Chip Resistor Array**. These components are designed to integrate multiple resistors into a single package to save PCB space and improve manufacturing efficiency.
### Technical Specifications
| Feature | Description |
| :--- | :--- |
| **Component Type** | Isolated Resistor Network (Array) |
| **Package Style** | Convex Terminal (Square/Rectangular) |
| **Number of Resistors** | Usually 8 elements (depending on pin count) |
| **Number of Pins** | 16 Pins (in a 1206 or similar physical footprint) |
| **Resistance Value** | Defined by the "TAJ" or numerical marking (e.g., 10kΩ) |
| **Tolerance** | Standard ±5% (J-grade) or ±1% (F-grade) |
| **Mounting Type** | Surface Mount Device (SMD/SMT) |
---
### Internal Configuration
The M8S12TAJ-R usually follows an **Isolated** internal circuit configuration. This means each resistor in the network is independent of the others, having its own dedicated pair of pins.
* **Isolated:** No common connection between internal resistors.
* **Bussed (Alternative):** All resistors share one common pin (not typical for this specific part number).
### Key Advantages
1. **Space Efficiency:** Replaces 8 individual 0402 or 0603 resistors with one single component.
2. **Assembly Speed:** Reduces the "pick and place" time during PCB assembly.
3. **Matching:** Because the resistors are manufactured on the same substrate, they track each other better regarding temperature coefficient (TCR).
### Common Applications
* **Pull-up/Pull-down Arrays:** For digital logic lines or microcontrollers.
* **DRAM/SRAM Termination:** Providing parallel termination for high-speed data buses.
* **LED Current Limiting:** Driving multiple status LEDs from a single chip.
---
### Part Number Breakdown (Generic Example)
While manufacturers vary, the code usually breaks down as follows:
* **M8:** Indicates the number of resistors (8).
* **S:** Series or Physical style (Standard/Small).
* **12:** Package size reference (often relating to 1206 footprint).
* **TAJ:** Resistance value code and Tolerance (J = 5%).
* **R:** Packaging (Tape and Reel).
- ⤷
What is the exact resistance value of the TAJ variant?
- ⤷ How does an isolated resistor network differ from a bussed one in a circuit?
- ⤷ What are the footprint dimensions for an M8S12 series component?