Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • M8S22TDJ-R

  • AI
    The **M8S22TDJ-R** belongs to a specific category of high-performance semiconductor components, typically associated with **DDR4 SDRAM** (Synchronous Dynamic Random-Access Memory) modules. Specifically, it is often identified as a component within high-density memory sticks used in servers or high-end workstations. Below is a breakdown of its technical nature and characteristics. --- ### 1. Component Overview The "M8S22TDJ-R" part number is frequently linked to **DRAM Die** configurations. In the electronics supply chain, these are integrated circuits (ICs) designed to store data temporarily for high-speed processing. | Feature | Specification (Typical) | | :--- | :--- | | **Component Type** | DDR4 SDRAM | | **Density** | Usually 8Gb or 16Gb per Die | | **Package Type** | FBGA (Fine-pitch Ball Grid Array) | | **Voltage** | 1.2V (Standard for DDR4) | | **Data Rate** | 2666 MT/s to 3200 MT/s | --- ### 2. Key Technical Features * **High Density:** These parts are engineered to allow for large capacity memory modules (such as 16GB, 32GB, or 64GB sticks) by stacking or densely arranging the chips. * **Energy Efficiency:** Operating at 1.2V, it provides a significant power reduction compared to older DDR3 technology (1.5V). * **Thermal Management:** The "R" suffix often denotes specific packaging or environmental compliance (such as RoHS) and thermal ratings suitable for enterprise environments. * **Refresh Rates:** It utilizes advanced refresh algorithms to maintain data integrity during high-speed operations. --- ### 3. Application Areas These electronic parts are not usually sold to individual consumers but are found on PCBs (Printed Circuit Boards) for: 1. **Enterprise Servers:** Used in ECC (Error Correction Code) Registered DIMMs. 2. **Cloud Computing Data Centers:** High-reliability memory arrays. 3. **Industrial PCs:** Systems requiring stable, high-speed volatile memory. --- ### 4. Identification Code Example When reading the markings on such a chip, the nomenclature usually follows this logic: ```text M - Manufacturer / Memory Category 8S - Density/Organization Code 22 - Speed Grade/Revision TDJ - Package Type/Internal Architecture R - Environmental/Packing Code (e.g., Reel/RoHS) ```
    ✨ Follow-up Questions
    • ⤷ Which manufacturer produces the M8S22TDJ-R series?
    • ⤷ What are the pin configurations for the FBGA package of this chip?
    • ⤷ How does DDR4 1.2V power consumption compare to DDR5 standards?