Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • M8S25FBJ-R

  • AI
    The **M8S25FBJ-R** belongs to a specific category of passive electronic components, typically identifying as a **Crystal Oscillator** or a **Quartz Crystal Unit**. These components are fundamental in electronics for providing a stable clock signal or frequency reference. --- ### 1. General Specifications While specific datasheets can vary by manufacturer (often associated with brands like **Mercury Electronic** or specialized frequency control suppliers), the part number breakdown generally follows this logic: | Feature | Description | | :--- | :--- | | **Component Type** | Surface Mount Device (SMD) Crystal / Oscillator | | **Package Size** | Typically 2.5mm x 2.0mm (indicated by "25") | | **Mounting Style** | SMD (Surface Mount Technology) | | **Termination** | RoHs Compliant / Lead-Free (indicated by "-R") | ### 2. Key Internal Components An electronic part like the M8S25FBJ-R consists of several critical layers: 1. **Quartz Blank:** A precision-cut piece of synthetic quartz that vibrates at a specific frequency when voltage is applied (Piezoelectric effect). 2. **Electrodes:** Gold or Silver layers deposited on the quartz blank to provide electrical contact. 3. **Ceramic Base:** A multi-layer ceramic package that provides insulation and structural integrity. 4. **Kovar/Metal Lid:** A seam-sealed metal cap that protects the internal crystal from moisture and atmospheric interference (Hermetic sealing). ### 3. Electrical Characteristics To integrate this part into a circuit, engineers look at these parameters: * **Frequency:** Usually specified in MHz (Megahertz). * **Frequency Tolerance:** Measured in PPM (Parts Per Million), defining the accuracy at room temperature. * **Load Capacitance ($C_L$):** The amount of capacitance the external circuit must provide to oscillate at the target frequency. * **Operating Temperature:** Typically ranging from $-40^\circ\text{C}$ to $+85^\circ\text{C}$ for industrial grades. ### 4. Typical Applications The M8S series is commonly found in compact digital devices: * **IoT Modules:** Providing timing for wireless communication. * **Wearables:** Smartwatches and fitness trackers due to the small 2.5x2.0mm footprint. * **Consumer Electronics:** Laptops, cameras, and tablets. --- ### Technical Summary Table | Attribute | Value (Typical) | | :--- | :--- | | **Package Code** | 25 (2.5 x 2.0 mm) | | **Standard Frequency Range** | 12 MHz to 54 MHz | | **Stability** | $\pm 10$ to $\pm 50$ PPM | | **Compliance** | REACH & RoHS Compliant |
    ✨ Follow-up Questions
    • ⤷ What is the specific resonant frequency of the M8S25FBJ-R in your circuit?
    • ⤷ How do I calculate the load capacitors for this crystal?
    • ⤷ What are the footprint differences between the 2.5x2.0mm and 3.2x2.5mm packages?