M8S25TAJ-R
AI

The **M8S25TAJ-R** is a high-performance, surface-mount oscillator typically used in precision timing applications. It belongs to the MEMS (Micro-Electromechanical Systems) timing family, which offers superior reliability compared to traditional quartz crystal oscillators.
---
## 1. Technical Specifications
Below are the primary electrical and mechanical characteristics of the component:
| Parameter | Specification |
| :--- | :--- |
| **Component Type** | MEMS Oscillator |
| **Frequency** | 25.000 MHz (Typical for '25' series) |
| **Output Type** | CMOS |
| **Supply Voltage (Vdd)** | 1.8V to 3.3V (Variable based on sub-series) |
| **Frequency Stability** | ±25 ppm or ±50 ppm |
| **Operating Temp Range** | -40°C to +85°C (Industrial Grade) |
| **Package Size** | 2.5mm x 2.0mm (SMD) |
| **Mounting Type** | Surface Mount (SMT) |
---
## 2. Key Internal Components
The "Electronic Parts" within this integrated device consist of several sophisticated layers:
### A. MEMS Resonator
Unlike a quartz slice, this is a tiny silicon structure etched using semiconductor fabrication techniques. It vibrates at a specific frequency when stimulated electrically.
### B. CMOS ASIC (Application Specific Integrated Circuit)
This chip sits beneath the MEMS resonator and performs several functions:
* **Analog Drive:** Maintains the vibration of the MEMS structure.
* **Fractional-N PLL:** Multiplies or divides the base frequency to achieve the specific 25MHz output.
* **Temperature Compensation:** Adjusts for thermal drift to maintain frequency stability.
### C. Output Driver
The final stage is a CMOS buffer that ensures the signal has clean "high" and "low" logic levels and can drive the trace impedance on the PCB.
---
## 3. Pin Configuration
The M8S25TAJ-R generally follows a standard 4-pin layout:
| Pin | Name | Function |
| :--- | :--- | :--- |
| 1 | OE / ST | Output Enable (High) or Standby (Low) |
| 2 | GND | Circuit Ground |
| 3 | OUT | Clock Signal Output |
| 4 | Vdd | Supply Voltage |
---
## 4. Common Applications
* **Networking:** Ethernet switches and routers.
* **Consumer Electronics:** High-speed USB controllers.
* **Industrial:** Controllers requiring high vibration resistance (MEMS is more durable than quartz).
* **Computing:** Storage systems and PCIe timing.
- ⤷
What are the advantages of MEMS oscillators over traditional quartz crystals?
- ⤷ How do I interpret the 'AJ-R' suffix in the part number?
- ⤷ What is the recommended soldering profile for this SMD package?