M8S26FBJ-R
AI

The **M8S26FBJ-R** (part of the STM8S series, specifically reflecting the **STM8S003F3** or **STM8S103F3** family variations depending on specific manufacturer branding/marking) is an 8-bit Microcontroller Unit (MCU). It is widely used in cost-sensitive industrial and consumer electronic applications.
---
### 1. Key Technical Specifications
Below are the primary electronic characteristics of the M8S series components typically associated with this part number:
| Feature | Specification |
| :--- | :--- |
| **Core** | 8-bit STM8 Core |
| **Operating Voltage** | 2.95V to 5.5V |
| **Clock Speed** | Up to 16 MHz (Internal/External) |
| **Flash Memory** | 8 Kbytes |
| **RAM** | 1 Kbyte |
| **Data EEPROM** | 128 bytes |
| **ADC** | 10-bit, 5 channels |
| **I/O Pins** | Up to 16 GPIOs |
| **Package** | TSSOP20 |
---
### 2. Internal Electronic Modules
The electronic architecture consists of several specialized blocks that allow it to interact with other hardware:
#### A. Communication Interfaces
* **UART:** For asynchronous serial communication (RS232/RS485).
* **SPI:** High-speed synchronous communication (up to 8 Mbit/s).
* **I2C:** Multi-master/slave interface for connecting sensors or small displays.
#### B. Timers and Control
* **Advanced Control Timer (TIM1):** 16-bit, 4 channels, used for PWM generation (motor control).
* **General Purpose Timer (TIM2):** 16-bit for basic timing.
* **Basic Timer (TIM4):** 8-bit for system ticks.
#### C. Power Management
* **Low Power Modes:** Supports Wait, Active-halt, and Halt modes to save battery life.
* **Window Watchdog (WWDG):** Ensures the software doesn't freeze or enter an infinite loop.
---
### 3. Pinout and Hardware Integration
The "F" in the part number typically denotes a **TSSOP20** package. Electronic engineers must pay attention to the following pins during PCB design:
1. **VCAP:** Requires a specific decoupling capacitor (usually 470nF to 1µF) for internal regulator stability.
2. **VDD/VSS:** Power supply and ground pins.
3. **NRST:** Reset pin; usually pulled high for normal operation.
4. **SWIM:** Single Wire Interface Module, used for programming and debugging the chip.
---
### 4. Typical Application Circuit
When designing electronics with this part, the standard schematic includes:
```cpp
// Example C-code logic for initializing a GPIO pin (High Level)
void GPIO_Setup(void) {
/* Set Port D pin 0 as Output Push-Pull */
PD_DDR |= (1 << 0); // Direction: Output
PD_CR1 |= (1 << 0); // Control Register: Push-pull
}
```
---
- ⤷
What is the maximum current draw per I/O pin for the M8S series?
- ⤷ Does the M8S26FBJ-R require an external crystal oscillator for 16MHz operation?
- ⤷ What are the common alternatives to the TSSOP20 package for this MCU?