M8S33TAJ-R
AI

The **M8S33TAJ-R** is an electronic component manufactured by **Macronix (MXIC)**. It belongs to the family of **Serial NOR Flash Memory**, specifically part of the **MX25 series**. This part is designed for embedded systems that require non-volatile storage for code (boot code) and data.
---
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Memory Type** | NOR Flash |
| **Interface** | SPI (Serial Peripheral Interface), Multi-I/O |
| **Storage Density** | 8 Megabit (8Mb / 1MB) |
| **Supply Voltage** | 2.7V to 3.6V (Standard 3.3V) |
| **Clock Frequency** | Up to 133MHz |
| **Temperature Range** | -40°C to +85°C (Industrial Grade) |
| **Package Type** | SOP-8 (150mil or 208mil depending on suffix) |
---
### 2. Functional Description
#### Memory Architecture
The device is organized into sectors and blocks to allow for flexible erasing and programming:
* **Page Size:** 256 bytes.
* **Sector Size:** 4KB.
* **Block Size:** 32KB or 64KB.
#### High-Performance Read
Unlike standard SPI memory, this chip supports **Multi-I/O** modes which significantly increase data throughput:
* **Single I/O:** Standard SPI (MOSI, MISO).
* **Dual I/O:** Uses two pins for data (doubles speed).
* **Quad I/O:** Uses four pins for data (quadruples speed), ideal for "Execute-in-Place" (XiP) applications where the MCU runs code directly from the flash.
#### Security and Protection
* **Write Protection:** Hardware and software-controlled protection for specific memory blocks.
* **Unique ID:** Contains a factory-set 64-bit unique identifier for security and tracking.
---
### 3. Part Number Breakdown (Nomenclature)
While the full string `M8S33TAJ-R` is a shortened or specific distributor code, it follows the Macronix naming convention:
1. **MX25L / MX25V:** Series Prefix.
2. **80:** 8 Megabit density.
3. **33:** Refers to the 3.3V operating voltage.
4. **TA/AJ:** Specific package identifiers (e.g., SOP or WSON) and performance bins.
5. **-R:** Usually indicates **Tape & Reel** packaging for automated assembly.
---
### 4. Common Applications
* **Consumer Electronics:** Smart speakers, digital cameras, and wearable devices.
* **Computing:** BIOS/UEFI storage on motherboards.
* **Industrial:** Controllers and sensors requiring ruggedized data storage.
* **Networking:** Storing firmware for routers and switches.
- ⤷
What are the pinout differences between the SOP-8 and WSON-8 packages for this chip?
- ⤷ Can this chip be used in 1.8V low-power systems?
- ⤷ What is the maximum write/erase cycle endurance for the MX25 series?