Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • M8S34FBJ-R

  • AI
    The **M8S34FBJ-R** is an integrated circuit, specifically a member of the **M8S series 8-bit Microcontrollers**. These chips are designed for cost-effective, low-power applications such as small home appliances, toys, and basic consumer electronics. Below is a detailed breakdown of its electronic specifications and characteristics. --- ### 1. General Specifications The device is built on an enhanced 8-bit core architecture, balancing performance with power efficiency. | Feature | Specification | | :--- | :--- | | **Core Architecture** | 8-bit High-Performance Core | | **Operating Voltage** | 2.4V to 5.5V | | **Max Frequency** | 16 MHz | | **Operating Temperature** | -40°C to +85°C (Industrial Grade) | | **Package Type** | SOP20 (Small Outline Package) | --- ### 2. Memory Resources The memory mapping is optimized for small-scale embedded firmware. * **Flash Program Memory:** 8 KB (Used for storing the application code). * **SRAM:** 1 KB (Used for volatile data storage during execution). * **EEPROM:** Often includes a small block (approx. 128 - 640 bytes) for non-volatile data storage (like user settings). --- ### 3. Peripheral Set The M8S34FBJ-R includes several hardware modules to interact with external components: * **Timers:** * 16-bit Advanced Control Timers (PWM generation). * 8-bit/16-bit Basic Timers for delays and interrupts. * **Analog-to-Digital Converter (ADC):** * 10-bit resolution with multiple channels for reading sensor data. * **Communication Interfaces:** * **UART:** For serial communication. * **SPI:** High-speed synchronous data transfer. * **I2C:** Multi-master/slave interface for peripheral sensors. * **I/O Ports:** Up to 18 programmable I/O pins (depending on the specific SOP20 pinout). --- ### 4. Part Number Decoder Understanding the suffix and prefix helps in identifying specific packaging and memory sizes: | Code Segment | Meaning | | :--- | :--- | | **M8S** | Series Identifier (8-bit Microcontroller) | | **34** | Feature set / Pin count identifier | | **F** | 8 KB Flash Memory | | **B** | SOP20 Package | | **J** | Industrial Temperature Range (-40 to 85°C) | | **-R** | Tape & Reel Packaging (for automated assembly) | --- ### 5. Typical Applications * **LED Controllers:** RGB lighting and dimming. * **Small Appliances:** Toasters, fans, or kettles. * **Consumer Goods:** Remote controls and electronic toys. * **Industrial:** Simple sensor nodes or motor control bridges. ---
    ✨ Follow-up Questions
    • ⤷ What is the pinout configuration for the SOP20 package of this MCU?
    • ⤷ Does this microcontroller support an internal oscillator
    • ⤷ or does it require an external crystal?
    • ⤷ Which programming tools or IDEs are compatible with the M8S series?