Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • M8S43TAJ-R

  • AI
    The **M8S43TAJ-R** is a specific surface-mount electronic component, typically categorized as a **Molded Power Inductor**. These parts are designed for high-density power applications where space, efficiency, and electromagnetic interference (EMI) management are critical. --- ### 1. Key Technical Specifications Based on the standard nomenclature for this series, here are the technical characteristics: | Feature | Description | | :--- | :--- | | **Component Type** | Fixed Power Inductor (SMD) | | **Construction** | Metal Alloy / Magnetic Shielded (Molded) | | **Inductance Range** | Typically measured in $\mu H$ (Microhenries) | | **Current Rating** | High saturation current ($I_{sat}$) and temperature rise current ($I_{rms}$) | | **Core Material** | Iron powder or composite metal alloy | | **Mounting Type** | Surface Mount Device (SMD/SMT) | --- ### 2. Physical Structure & Composition The "M8S" prefix usually refers to a specific package size (often 8x8mm footprint). The molded construction offers several advantages: 1. **Magnetic Shielding:** The coil is encapsulated in a metallic powder mixture, which significantly reduces electromagnetic leakage. 2. **Acoustic Noise Reduction:** Unlike traditional wire-wound inductors, the molded structure minimizes "coil whine" (audible vibrations). 3. **Durability:** The solid body provides high resistance to mechanical shock and vibration. --- ### 3. Applications The M8S43TAJ-R is primarily used in **DC-DC conversion circuits** found in: * **Computing:** VRM (Voltage Regulator Modules) for CPUs and GPUs. * **Telecommunications:** Base stations and networking hardware. * **Industrial:** High-current power supplies and motor controllers. * **Consumer Electronics:** High-end laptops and gaming consoles where board space is at a premium. --- ### 4. Circuit Behavior In a typical circuit, this part acts as an energy storage element. It smoothes out current ripples from switching regulators. ```python # Conceptualizing Inductor Energy Storage # Formula: E = 0.5 * L * I^2 inductance = 4.3e-6 # Example 4.3uH current = 10.0 # Amperes energy_joules = 0.5 * inductance * (current ** 2) print(f"Energy Stored: {energy_joules} Joules") ``` --- ### 5. Part Number Breakdown (General Pattern) * **M8S:** Denotes the series and physical dimensions (Length/Width). * **43:** Often represents the height (e.g., 4.3mm) or a specific inductance code. * **TAJ:** Manufacturer-specific series or material identifier. * **R:** Usually indicates "RoHS Compliant" or "Tape & Reel" packaging.
    ✨ Follow-up Questions
    • ⤷ What is the exact inductance value and saturation current for this specific model?
    • ⤷ Can you provide a list of compatible alternatives for the M8S43TAJ-R?
    • ⤷ What are the thermal derating curves for molded inductors in high-temperature environments?