Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • M8S51FBJ-R

  • AI
    ## M8S51FBJ-R Electronic Component Overview The **M8S51FBJ-R** belongs to the 8051-core microcontroller family, specifically designed for low-power, high-performance embedded applications. It is often utilized in industrial control, consumer electronics, and automotive peripherals. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Core** | Enhanced 8051 (1T Architecture) | | **Operating Voltage** | 2.4V to 5.5V | | **Flash Memory** | 16 KB (Program memory) | | **SRAM** | 1 KB (Data memory) | | **Max Frequency** | Up to 16 MHz / 24 MHz (Internal RC) | | **Package Type** | TSSOP20 / QFN20 | | **Operating Temp** | -40°C to +105°C | --- ### 2. Core Functional Blocks The M8S51FBJ-R integrates several internal modules that reduce the need for external components: * **Internal High-Speed Oscillator:** Provides a stable clock source without requiring an external crystal, saving PCB space. * **ADC (Analog-to-Digital Converter):** Typically features a 12-bit multi-channel ADC for reading sensor data. * **PWM (Pulse Width Modulation):** Multiple channels for motor control or LED dimming. * **Communication Interfaces:** * **UART:** For serial communication. * **SPI:** For high-speed peripheral interfacing. * **I2C:** For sensor and EEPROM connectivity. * **WDT (Watchdog Timer):** Ensures system stability by resetting the MCU if the software hangs. --- ### 3. Pinout and Hardware Considerations When designing a PCB for the M8S51FBJ-R, consider the following: 1. **Decoupling Capacitors:** Place 0.1µF and 10µF capacitors close to the VDD and VSS pins to filter power noise. 2. **Reset Circuit:** It usually features an internal power-on reset (POR) and low-voltage reset (LVR), but an external reset button can be added via the RST pin. 3. **Programming Interface:** Supports In-Circuit Programming (ICP) and In-System Programming (ISP), allowing firmware updates without removing the chip. --- ### 4. Common Applications * **Small Appliances:** Coffee machines, blenders, and air purifiers. * **Smart Home:** Lighting controllers and temperature sensors. * **Power Tools:** Battery management and trigger control. * **Automotive:** Interior lighting and window control modules.
    ✨ Follow-up Questions
    • ⤷ What are the specific programming tools required for the M8S51FBJ-R?
    • ⤷ How does the 1T architecture differ from the standard 8051 architecture?
    • ⤷ What is the maximum current consumption in power-down mode for this MCU?