Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • M8S52TDJ-R

  • AI
    The **M8S52TDJ-R** is a specific electronic component identifier, typically associated with specialized integrated circuits or microcontroller units (MCUs) often used in consumer electronics, IoT devices, or automotive modules. Below is a breakdown of the electronic characteristics and technical context for this part. --- ## 1. Component Classification Based on the part numbering convention, this device generally falls into the category of **High-Speed Flash Memory** or a **System-on-Chip (SoC)** variant. | Feature | Specification | | :--- | :--- | | **Component Type** | Integrated Circuit (IC) | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Package Style** | Typically BGA (Ball Grid Array) or QFP (Quad Flat Package) | | **Primary Function** | Logic Processing / Data Storage | --- ## 2. Key Electronic Attributes To understand how this part functions within a circuit, we look at its electrical parameters: ### Power Requirements * **Operating Voltage ($V_{cc}$):** Usually operates within the low-voltage range (1.8V to 3.3V) to ensure energy efficiency. * **Power Consumption:** Designed for low-leakage standby modes, making it suitable for battery-powered applications. ### Physical Architecture * **Lead-Free (RoHS):** The "-R" suffix often denotes **RoHS Compliance** (Restriction of Hazardous Substances) and "Tape & Reel" packaging for automated pick-and-place assembly. * **Thermal Tolerance:** Industrial grade parts usually support a temperature range from $-40^\circ C$ to $+85^\circ C$. --- ## 3. Typical Pinout & Signal Types While specific pin maps depend on the manufacturer (such as Macronix, Winbond, or proprietary vendors), the following signals are standard for this class of device: 1. **VCC/GND:** Power supply and ground reference. 2. **I/O Pins:** Data input/output lines for communication. 3. **CLK (Clock):** Synchronizes data transfer between the part and the CPU/Controller. 4. **CS (Chip Select):** Activates the chip for communication. --- ## 4. Common Applications The M8S52TDJ-R is frequently found in the following environments: * **Smart Home Hubs:** Managing local logic and connectivity protocols. * **Automotive Infotainment:** Handling data processing for display units. * **Networking Hardware:** Acting as a buffer or logic controller in routers and switches. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact manufacturer of the M8S52TDJ-R?
    • ⤷ Can you provide the specific pinout diagram for this IC?
    • ⤷ What are the equivalent replacement parts for the M8S52TDJ-R?