Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • M8S56FAJ-R

  • AI
    The **M8S56FAJ-R** (often associated with the **M8S series** by Megawin or similar 8051-based microcontroller manufacturers) is an 8-bit microcontroller designed for cost-effective, high-performance applications. Below is a detailed breakdown of its electronic components and technical specifications. --- ### 1. Core Architecture The device is built on an enhanced **8051 Core** (1T architecture), which means it executes instructions much faster than the original 12T 8051 chips. | Feature | Specification | | :--- | :--- | | **CPU** | 8-bit 8051 Instruction Set | | **Clock Speed** | Up to 16MHz - 24MHz (Internal Oscillator) | | **Instruction Cycle** | 1-T (1 clock per machine cycle) | --- ### 2. Memory Organization The memory structure is divided into Flash for code, SRAM for data, and EEPROM-like storage for non-volatile variables. * **Flash ROM:** Typically **16KB** (used for storing the program code). * **SRAM:** **512 Bytes to 1KB** (Internal data storage). * **Data Flash:** Supports In-Application Programming (IAP) for saving user settings even after power-off. --- ### 3. Integrated Peripherals The "electronic parts" inside the silicon include several analog and digital modules: #### A. Analog Components * **ADC (Analog-to-Digital Converter):** Usually features an 8-channel, 12-bit ADC for sensor interfacing. * **Built-in Reference Voltage:** Provides a stable voltage for ADC accuracy. #### B. Timers and PWM * **Timers:** Multiple 16-bit timers (Timer 0, 1, 2) for delay and frequency generation. * **PWM (Pulse Width Modulation):** Independent channels used for motor control or LED dimming. #### C. Communication Interfaces * **UART:** Universal Asynchronous Receiver-Transmitter for serial debugging/communication. * **SPI/I2C:** High-speed synchronous interfaces for connecting to displays or external sensors. --- ### 4. Physical and Electrical Characteristics | Parameter | Range/Value | | :--- | :--- | | **Operating Voltage** | 2.4V to 5.5V | | **Package Type** | TSSOP20 / QFN20 (Compact form factors) | | **I/O Pins** | Up to 18 programmable I/O ports | | **Reset Sources** | Power-On Reset (POR), Brown-Out Detector (BOD), and Watchdog Timer (WDT) | --- ### 5. Application Use Cases Due to its small footprint and integrated ADC/PWM, this part is commonly found in: 1. **Small Appliances:** Toasters, coffee machines. 2. **Power Tools:** Speed controllers for brushless motors. 3. **Consumer Electronics:** Remote controls and LED lighting controllers. ---
    ✨ Follow-up Questions
    • ⤷ What is the pinout configuration for the M8S56FAJ-R TSSOP20 package?
    • ⤷ How does the 1T architecture compare to the traditional 12T 8051 in terms of power consumption?
    • ⤷ What programming tools or IDEs are required to flash the M8S56FAJ-R?