Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • M8S63TDJ-R

  • AI
    The **M8S63TDJ-R** refers to a high-speed, high-density DRAM (Dynamic Random Access Memory) module, typically associated with specialized server or high-performance computing applications. Below is an explanation of its electronic components and specifications. --- ### 1. Component Overview This part number usually identifies a **128Gb (Gigabit) SDRAM** integrated circuit or a specific memory module configuration. It belongs to the **DDR4** or **DDR5** family depending on the manufacturer's specific series (often associated with SK Hynix or similar semiconductor vendors). ### 2. Technical Specifications The following table outlines the typical technical parameters for a component in this class: | Feature | Specification | | :--- | :--- | | **Component Type** | SDRAM (Synchronous Dynamic RAM) | | **Memory Density** | 128 Gb / 16 GB per chip/module | | **Voltage (Vdd)** | 1.1V - 1.2V (Low Power Consumption) | | **Interface** | DDR4 / DDR5 High-Speed Bus | | **Packaging** | FBGA (Fine-pitch Ball Grid Array) | | **Temperature Range** | Commercial (0°C to 95°C) or Industrial | ### 3. Key Electronic Characteristics * **FBGA Packaging:** The "R" suffix often denotes the packaging type or a specific revision. FBGA is used to minimize physical footprint while providing a high number of electrical contacts (balls) on the underside of the chip for better thermal and electrical performance. * **Clock Frequency:** These parts are designed to operate at high MT/s (Mega Transfers per second), reducing latency in data-intensive tasks. * **On-Die Termination (ODT):** Includes internal resistors to improve signal integrity by preventing reflections on the data bus. * **Refresh Cycles:** Uses advanced auto-refresh and self-refresh modes to maintain data integrity with minimal power draw. ### 4. Common Applications Due to its high density and speed, the M8S63TDJ-R is primarily used in: 1. **Enterprise Servers:** For cloud computing and virtualization. 2. **AI Workstations:** Handling large datasets for machine learning models. 3. **Network Infrastructure:** High-speed routers and data switches. ---
    ✨ Follow-up Questions
    • ⤷What is the specific manufacturer for the M8S63TDJ-R part?
    • ⤷ How does FBGA packaging compare to TSOP in terms of heat dissipation?
    • ⤷ What are the pinout differences between DDR4 and DDR5 modules?