Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • M8S71TDJ-R

  • AI
    The **M8S71TDJ-R** is a specific part number typically associated with **DDR4 SDRAM modules**, often manufactured or utilized by vendors like Micron, Crucial, or through specific OEM channels (such as specialized industrial or networking equipment). Based on the standard nomenclature for this series, here is the breakdown of its electronic components and characteristics. --- ### 1. Component Specifications The M8S71TDJ-R is generally a high-density Memory Module. Its primary purpose is to provide volatile data storage for high-speed processing environments. | Feature | Specification | | :--- | :--- | | **Memory Type** | DDR4 SDRAM | | **Form Factor** | SODIMM (Small Outline Dual In-line Memory Module) | | **Speed** | 2400 MT/s to 3200 MT/s (Depending on Binning) | | **Voltage** | 1.2V (Low Power Consumption) | | **Pin Count** | 260-Pin | | **Capacity** | Commonly 8GB or 16GB configurations | --- ### 2. Key Electronic Parts & Architecture The module consists of several integrated circuits and passive components mounted on a multi-layer PCB: * **DRAM Chips (The "Storage" Cells):** The board contains several 8Gb or 16Gb FBGA-packaged silicon dies. These chips use a "double data rate" architecture, allowing data transfer on both the rising and falling edges of the clock signal. * **SPD EEPROM (Serial Presence Detect):** A small 8-pin chip that stores the module's timing parameters, manufacturer data, and serial number. The system BIOS reads this via the I2C/SMBus protocol to configure the memory controller. * **Decoupling Capacitors (MLCCs):** Visible as tiny brown/grey rectangles. They filter electrical noise and stabilize the 1.2V supply to the DRAM chips, preventing data corruption during high-frequency switching. * **Termination Resistors:** Used for On-Die Termination (ODT) and on the PCB to manage signal integrity and prevent reflections on the data bus. --- ### 3. Functional Characteristics 1. **Low Voltage (1.2V):** Unlike DDR3 (1.5V), this part operates at a lower voltage, reducing thermal output and extending battery life in mobile or industrial devices. 2. **Refresh Cycles:** The internal electronic cells require periodic refreshing to maintain data. The "R" suffix often indicates specific RoHS compliance or a specific revision of the refresh/timing cycle. 3. **Gold-Plated Contacts:** The 260 pins are gold-plated to ensure high conductivity and resistance to oxidation over long-term use. --- ### 4. Typical Applications * **Embedded Systems:** Industrial PCs and automation controllers. * **Networking Gear:** High-end routers and hardware firewalls. * **Laptops/NUCs:** Standard memory expansion for small-form-factor computing.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the 'R' and 'Non-R' versions of this part number?
    • ⤷ Can this module be used in a system that requires ECC memory?
    • ⤷ What are the specific timing latencies (CL) for the M8S71TDJ-R?